Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM638165TS-5IG Datasheet(PDF) 1 Page - Etron Technology, Inc.

Part # EM638165TS-5IG
Description  4M x 16 bit Synchronous DRAM (SDRAM)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM638165TS-5IG Datasheet(HTML) 1 Page - Etron Technology, Inc.

  EM638165TS-5IG Datasheet HTML 1Page - Etron Technology, Inc. EM638165TS-5IG Datasheet HTML 2Page - Etron Technology, Inc. EM638165TS-5IG Datasheet HTML 3Page - Etron Technology, Inc. EM638165TS-5IG Datasheet HTML 4Page - Etron Technology, Inc. EM638165TS-5IG Datasheet HTML 5Page - Etron Technology, Inc. EM638165TS-5IG Datasheet HTML 6Page - Etron Technology, Inc. EM638165TS-5IG Datasheet HTML 7Page - Etron Technology, Inc. EM638165TS-5IG Datasheet HTML 8Page - Etron Technology, Inc. EM638165TS-5IG Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
EtronTech
EM638165
Etron Technology, Inc.
No. 6, Technology Rd. V, Hsinchu Science Park, Hsinchu, Taiwan 30078, R.O.C.
TEL: (886)-3-5782345
FAX: (886)-3-5778671
Etron Technology, Inc. reserves the right to change products or specification without notice.
4M x 16 bit Synchronous DRAM (SDRAM)
Preliminary (Rev. 5.2, Dec. /2013)
Features
• Fast access time from clock: 4.5/5.4/5.4 ns
•Fast clock rate: 200/166/143 MHz
• Fully synchronous operation
• Internal pipelined architecture
• 1M word x 16-bit x 4-bank
• Programmable Mode registers
- CAS Latency: 2, or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: Sequential or Interleaved
- Burst stop function
• Auto Refresh and Self Refresh
• 4096 refresh cycles/64ms
• CKE power down mode
• Industrial Temperature: -40~85°C
• Single +3.3V ± 0.3V power supply
• Interface: LVTTL
• 54-pin 400 mil plastic TSOP II package
- Pb and Halogen Free
• 54-ball 8.0 x 8.0 x 1.2mm (max) FBGA package
- Pb free and Halogen free
Table1. Key Specifications
Table 2. Ordering Information
TS: indicates TSOPII Package
BM: indicates FBGA Package
I: indicates Industrial grade
G: indicates Pb and Halogen Free for TSOPII Package
H: indicates Pb free and Halogen free
Overview
The EM638165 SDRAM is a high-speed CMOS
synchronous
DRAM
containing
64
Mbits.
It
is
internally configured as 4 Banks of 1M word x 16
DRAM with a synchronous interface (all signals are
registered on the positive edge of the clock signal,
CLK). Read and write accesses to the SDRAM are
burst oriented; accesses start at a selected location
and continue for a programmed number of locations
in a programmed sequence. Accesses begin with the
registration of a Bank Activate command which is
then followed by a Read or Write command.
The EM638165 provides for programmable Read
or Write burst lengths of 1, 2, 4, 8, or full page, with a
burst termination option. An auto precharge function
may be enabled to provide a self-timed row precharge
that is initiated at the end of the burst sequence. The
refresh functions, either Auto or Self Refresh are easy
to use. By having a programmable mode register, the
system can choose the most suitable modes to
maximize its performance. These devices are well
suited
for
applications
requiring
high
memory
bandwidth
and
particularly
well
suited
to
high
performance PC applications.
EM638165
-5I/6I/7I
tCK3 Clock Cycle time(min.)
5/6/7
ns
tAC3 Access time from CLK(max.) 4.5/5.4/5.4 ns
tRAS Row Active time(min.)
40/42/42
ns
tRC Row Cycle time(min.)
55/60/63
ns
Part Number
Frequency
Package
EM638165TS -5IG
200MHz
TSOP II
EM638165TS -6IG
166MHz
TSOP II
EM638165TS -7IG
143MHz
TSOP II
EM638165BM -5IH
200MHz
FBGA
EM638165BM -6IH
166MHz
FBGA
EM638165BM -7IH
143MHz
FBGA


Similar Part No. - EM638165TS-5IG

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
More results

Similar Description - EM638165TS-5IG

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323816A GENERALPLUS-GPR323816A Datasheet
1Mb / 57P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM639325TS-5IG ETRON-EM639325TS-5IG Datasheet
409Kb / 47P
   4M x 32 bit Synchronous DRAM (SDRAM)
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com