Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5008P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ISD5008P
Description  SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD5008P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ISD5008P Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD5008P Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD5008P Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD5008P Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD5008P Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD5008P Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD5008P Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD5008P Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD5008P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
ISD5008 Product
1
ISD
1
DETAILED DESCRIPTION
1.1
SPEECH/SOUND QUALITY
The ISD5008 ChipCorder product can be config-
ured via software to operate at 4.0, 5.3, 6.4, and
8.0 kHz sampling frequencies, allowing the user a
choice of speech quality options. Increasing the
duration decreases the sampling frequency and
bandwidth, which affects sound quality. Table 1
compares filter pass band and product durations.
The speech samples are stored directly into on-chip
nonvolatile memory without the digitization and
compression associated with other solutions. Di-
rect analog storage provides a natural sounding
reproduction of voice, music, tones, and sound
effects not available with
most solid-state
solu-
tions.
1.2
DURATION
To meet end system requirements, the ISD5008
device
is
a
single-chip
solution
which
provides
from 4 to 8 minutes of voice record and playback,
depending on the sample rates defined by cus-
tomer software.
1.3
FLASH STORAGE
One of the benefits of ISD’s ChipCorder technology
is the use of on-chip nonvolatile memory, which pro-
vides zero-power message storage. The message
is retained for up to 100 years (typically) without
power. In addition, the device can be re-record-
ed over 100,000 times (typically).
1.4
MICROCONTROLLER INTERFACE
A four-wire (SCLK, MOSI, MISO, SS) SPI interface is
provided
for
ISD5008
control,
addressing
func-
tions, and sample rate selection. The ISD5008 is
configured to operate as a peripheral slave de-
vice with
a
microcontroller-based
SPI
bus
inter-
face. Read/Write access to all the internal registers
occurs through this SPI interface. An interrupt sig-
nal (INT) and internal read-only Status Register are
provided for handshake purposes.
1.5
PROGRAMMING
The ISD5008 series is also ideal for playback-only
applications, where single or multiple message
Playback is controlled through the SPI port. Once
the desired message configuration is created, du-
plicates can easily be generated via an ISD or
third-party programmers. For more information on
available
application
tools
and
programmers
please see the ISD web site at www.isd.com.
Table 1:
Input Sample Rate to Duration
Input Sample
Rate (kHz)
Duration
(Minutes)
Typical Filter Pass Band
(kHz)
8.0
4.0
3.4
6.4
5.0
2.7
5.3
6.0
2.3
4.0
8.0
1.7


Similar Part No. - ISD5008P

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5008PYI NUVOTON-ISD5008PYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results

Similar Description - ISD5008P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com