Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B966AS-1R2N Datasheet(PDF) 1 Page - TOKO, Inc

Part # B966AS-1R2N
Description  Ferrite Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

B966AS-1R2N Datasheet(HTML) 1 Page - TOKO, Inc

  B966AS-1R2N Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DS106C2
Inductance Range: 1.2~330
H
(Unit: mm)
(Unit: mm)
FEATURES
特長
 10.4mm Max. square and 6.8mm Max. height.
 Magnetically shielded construction and low DC resistance.
 Suitable for large current.
 Ideal for DC-DC converter inductor applications.
 10.4mm角Max.、高さ6.8mm Max.
 閉磁路構造、低直流抵抗
 大電流対応
 DC-DCコンバータ用インダクタに最適
STANDARD PART NUMBERS
標準品一覧
TYPE DS106C2 (Quantity/reel; 500 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
L (
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max.(Typ.)
Inductance
Decrease Current
(3)
(A) Max.(Typ.)
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
ΔL/L=10%
ΔL/L=30%
#B966AS-1R2N=P3
1.2
 30
11 (9)
12.0 (16.5)
16.8 (22.4)
7.2 (8.5)
#B966AS-1R8N=P3
1.8
 30
14 (11)
9.8 (13.0)
13.1 (17.4)
6.7 (8.0)
#B966AS-2R7N=P3
2.7
 30
15 (12)
8.1 (10.5)
10.8 (14.4)
6.1 (7.3)
#B966AS-3R9N=P3
3.9
 30
17 (14)
7.1 (9.4)
9.4 (12.5)
5.6 (6.7)
#B966AS-4R7N=P3
4.7
 30
18 (15)
6.1 (8.1)
8.1 (10.8)
5.4 (6.4)
#B966AS-6R8N=P3
6.8
 30
21 (17)
5.2 (7.0)
7.0 (9.3)
5.0 (6.0)
#B966AS-8R2N=P3
8.2
 30
24 (20)
4.8 (6.5)
6.5 (8.6)
4.6 (5.5)
#B966AS-100M=P3
10
 20
28 (23)
4.4 (5.9)
5.8 (7.8)
4.3 (5.1)
#B966AS-120M=P3
12
 20
35 (29)
3.9 (5.2)
5.3 (7.0)
3.7 (4.4)
#B966AS-160M=P3
16
 20
60 (50)
3.3 (4.4)
4.4 (5.9)
2.7 (3.2)
#B966BS-180M=P3
18
 20
60 (50)
2.8 (3.8)
3.7 (4.9)
2.6 (3.1)
#B966BS-220M=P3
22
 20
65 (54)
2.7 (3.6)
3.5 (4.6)
2.5 (3.0)
#B966BS-270M=P3
27
 20
74 (61)
2.4 (3.2)
3.1 (4.1)
2.3 (2.8)
#B966BS-330M=P3
33
 20
83 (69)
2.1 (2.8)
2.8 (3.7)
2.2 (2.6)
#B966BS-390M=P3
39
 20
93 (77)
1.9 (2.6)
2.5 (3.4)
2.0 (2.5)
#B966BS-470M=P3
47
 20
120 (97)
1.8 (2.4)
2.3 (3.1)
1.8 (2.2)
#B966BS-560M=P3
56
 20
145 (120)
1.6 (2.2)
2.1 (2.9)
1.6 (2.0)
#B966BS-680M=P3
68
 20
190 (155)
1.4 (1.9)
1.9 (2.5)
1.4 (1.7)
#B966BS-101M=P3
100
 20
255 (210)
1.2 (1.6)
1.6 (2.1)
1.2 (1.4)
#B966BS-151M=P3
150
 20
385 (320)
1.0 (1.3)
1.3 (1.8)
0.97 (1.1)
#B966BS-221M=P3
220
 20
610 (505)
0.84 (1.1)
1.1 (1.4)
0.76 (0.85)
#B966BS-271M=P3
270
 20
690 (575)
0.75 (1.0)
0.97 (1.3)
0.71 (0.80)
#B966BS-331M=P3
330
 20
760 (630)
0.69 (0.92)
0.88 (1.2)
0.68 (0.80)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller.(Reference ambient
temperature: 20°C)
(1) インダクタンスはLCRメータ4284A (Agilent Technologies) また
は同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値
が初期値より10%減少する直流電流値、または直流電流によ
り、コイルの温度が40°C上昇の何れか小さい値。(周囲温度
20°Cを基準とする。)
Recommended patterns
推奨パターン図
Ferrite Inductors
フェライトインダクタ


Similar Part No. - B966AS-1R2N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
B966AS-1R2N TOKO-B966AS-1R2N Datasheet
96Kb / 1P
   Fixed Inductors for Surface Mounting
logo
Murata Manufacturing Co...
B966AS-1R2N MURATA-B966AS-1R2N Datasheet
738Kb / 2P
   Inductor
More results

Similar Description - B966AS-1R2N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM2815C TOKO-DEM2815C_16 Datasheet
256Kb / 1P
   Ferrite Inductors
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
   Ferrite Inductors
DEM8030C TOKO-DEM8030C_16 Datasheet
280Kb / 1P
   Ferrite Inductors
DEM4514C TOKO-DEM4514C_16 Datasheet
285Kb / 1P
   Ferrite Inductors
DG6050C TOKO-DG6050C_16 Datasheet
253Kb / 1P
   Ferrite Inductors
DS104C2 TOKO-DS104C2_16 Datasheet
254Kb / 1P
   Ferrite Inductors
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
   Ferrite Inductors
DEM3518C TOKO-DEM3518C_16 Datasheet
250Kb / 1P
   Ferrite Inductors
D62LCB TOKO-D62LCB_16 Datasheet
229Kb / 2P
   Ferrite Inductors
D53LC TOKO-D53LC_16 Datasheet
268Kb / 1P
   Ferrite Inductors
DEM8040C TOKO-DEM8040C_16 Datasheet
317Kb / 1P
   Ferrite Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com