Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32683A7153 Datasheet(PDF) 4 Page - TDK Electronics

Part # B32683A7153
Description  Metallized Polypropylene Film Capacitors (MFP)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32683A7153 Datasheet(HTML) 4 Page - TDK Electronics

  B32683A7153 Datasheet HTML 1Page - TDK Electronics B32683A7153 Datasheet HTML 2Page - TDK Electronics B32683A7153 Datasheet HTML 3Page - TDK Electronics B32683A7153 Datasheet HTML 4Page - TDK Electronics B32683A7153 Datasheet HTML 5Page - TDK Electronics B32683A7153 Datasheet HTML 6Page - TDK Electronics B32683A7153 Datasheet HTML 7Page - TDK Electronics B32683A7153 Datasheet HTML 8Page - TDK Electronics B32683A7153 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Overview of available types
Lead spacing 27.5 mm
37.5 mm
Type
B32684
B32686
Page
9
10
VR (V DC)
400
630
1000
1250
1600
2000
630
1000
1250
1600
2000
CR (nF)
15
22
33
47
68
100
150
220
330
470
680
1000
1500
B32682 ... B32686
Very high pulse (wound)
Page 4 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32683A7153

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32683 EPCOS-B32683 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32683-A103-J189 EPCOS-B32683-A103-J189 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32683-A103-J289 EPCOS-B32683-A103-J289 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32683-A103-K189 EPCOS-B32683-A103-K189 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32683-A103-K289 EPCOS-B32683-A103-K289 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
More results

Similar Description - B32683A7153

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
logo
TDK Electronics
B32694 TDK-B32694_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors (MKP/MFP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com