Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61E2BAA-SIAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61E2BAA-SIAR
Description  Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E2BAA-SIAR Datasheet(HTML) 4 Page - Texas Instruments

  LMK61E2BAA-SIAR Datasheet HTML 1Page - Texas Instruments LMK61E2BAA-SIAR Datasheet HTML 2Page - Texas Instruments LMK61E2BAA-SIAR Datasheet HTML 3Page - Texas Instruments LMK61E2BAA-SIAR Datasheet HTML 4Page - Texas Instruments LMK61E2BAA-SIAR Datasheet HTML 5Page - Texas Instruments LMK61E2BAA-SIAR Datasheet HTML 6Page - Texas Instruments LMK61E2BAA-SIAR Datasheet HTML 7Page - Texas Instruments LMK61E2BAA-SIAR Datasheet HTML 8Page - Texas Instruments LMK61E2BAA-SIAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
4
LMK61E2
SNAS674A – SEPTEMBER 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMK61E2
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Device Supply Voltage
3.135
3.3
3.465
V
TA
Ambient Temperature
–40
25
85
°C
TJ
Junction Temperature
125
°C
tRAMP
VDD Power-Up Ramp Time
0.1
100
ms
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The package thermal resistance is calculated on a 4 layer JEDEC board.
(3)
Connected to GND with 3 thermal vias (0.3-mm diameter).
(4)
ψJB (junction to board) is used when the main heat flow is from the junction to the GND pad. Please refer to Thermal Considerations
section for more information on ensuring good system reliability and quality.
6.4 Thermal Information
THERMAL METRIC(1)
LMK61E2 (2) (3) (4)
UNIT
QFM (SIA)
8 PINS
Airflow (LFM) 0
Airflow (LFM) 200
Airflow (LFM) 400
RθJA
Junction-to-ambient thermal resistance
54
44
41.2
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
34
n/a
n/a
RθJB
Junction-to-board thermal resistance
36.7
n/a
n/a
ψJT
Junction-to-top characterization parameter
11.2
16.9
21.9
ψJB
Junction-to-board characterization parameter
36.7
37.8
38.9
RθJC(bot) Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
On-chip power dissipation should exclude 40 mW, dissipated in the 150
Ω termination resistors, from total power dissipation.
6.5 Electrical Characteristics - Power Supply
(1)
VDD = 3.3 V ± 5%, TA = –40C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Device Current Consumption
LVPECL(2)
162
208
mA
LVDS
152
196
HCSL
155
196
IDD-PD
Device Current Consumption
when output is disabled
OE = GND
136


Similar Part No. - LMK61E2BAA-SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00 TI1-LMK61E2-100M00 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00 TI1-LMK61E2-100M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61E2BAA-SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0M TI1-LMK61E0M Datasheet
856Kb / 47P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E08 TI-LMK61E08 Datasheet
1Mb / 54P
[Old version datasheet]   LMK61E08 Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Micrel Semiconductor
MX852BB0030 MICREL-MX852BB0030 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
MX852EB0027 MICREL-MX852EB0027 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com