Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4170-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4170-Q1
Description  36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4170-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4170-Q1 Datasheet HTML 6Page - Texas Instruments OPA4170-Q1 Datasheet HTML 7Page - Texas Instruments OPA4170-Q1 Datasheet HTML 8Page - Texas Instruments OPA4170-Q1 Datasheet HTML 9Page - Texas Instruments OPA4170-Q1 Datasheet HTML 10Page - Texas Instruments OPA4170-Q1 Datasheet HTML 11Page - Texas Instruments OPA4170-Q1 Datasheet HTML 12Page - Texas Instruments OPA4170-Q1 Datasheet HTML 13Page - Texas Instruments OPA4170-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
VSUPPLY (V)
0
2
4
6
8
10
12
14
16
18
20
-500
-300
-100
100
300
500
D006
Common-Mode Voltage (V)
Normal
Operation
5 Typical Units Shown
Common-Mode Voltage (V)
V
=
18.1 V
CM
-
−1000
−800
−600
−400
−200
0
200
400
600
800
1000
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
5 Typical Units Shown
G003
0
2
4
6
8
10
12
14
16
18
20
Offset Voltage ( V)
m
Distribution Taken From 400 Amplifiers
G001
0
5
10
15
20
25
Offset Voltage Drift ( V/°C)
m
Distribution Taken From 104 Amplifiers
G002
10
OPA170-Q1, OPA2170-Q1, OPA4170-Q1
SBOS834 – DECEMBER 2016
www.ti.com
Product Folder Links: OPA170-Q1 OPA2170-Q1 OPA4170-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.9 Typical Characteristics
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 1. Offset Voltage Production Distribution
Figure 2. Offset Voltage Drift Distribution
Figure 3. Offset Voltage vs Temperature
Figure 4. Offset Voltage vs Common-Mode Voltage
Figure 5. Offset Voltage vs Common-Mode Voltage
(Upper Stage)
Figure 6. Offset Voltage vs Power Supply


Similar Part No. - OPA4170-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4170-Q1 TI1-OPA4170-Q1 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results

Similar Description - OPA4170-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
[Old version datasheet]   36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Texas Instruments
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com