Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32686S7394561 Datasheet(PDF) 8 Page - TDK Electronics

Part # B32686S7394561
Description  Metallized Polypropylene Film Capacitors (MFP)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32686S7394561 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B32686S7394561 Datasheet HTML 4Page - TDK Electronics B32686S7394561 Datasheet HTML 5Page - TDK Electronics B32686S7394561 Datasheet HTML 6Page - TDK Electronics B32686S7394561 Datasheet HTML 7Page - TDK Electronics B32686S7394561 Datasheet HTML 8Page - TDK Electronics B32686S7394561 Datasheet HTML 9Page - TDK Electronics B32686S7394561 Datasheet HTML 10Page - TDK Electronics B32686S7394561 Datasheet HTML 11Page - TDK Electronics B32686S7394561 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical specifications, ordering codes and packing units
VR
V DC
VRMS
f
≤1kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
IRMS
100 kHz
A
ESR
100 kHz
m
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
1600 450
270
30.0
× 45.0 × 42.0 11.5
7
B32686S1274+561
T1
48
270
30.0
× 45.0 × 42.0 11.5
7
B32686S1274+562
T2
48
270
30.0
× 45.0 × 42.0 11.5
7
B32686S1274+563
T3
72
270
30.0
× 45.0 × 42.0 11.5
7
B32686S1274+566
T6
48
2000 500
22
12.0
× 22.5 × 42.0 4.0
70
B32686S2223+563
T3
224
22
12.0
× 22.5 × 42.0 4.0
70
B32686S2223+564
T4
384
33
14.0
× 25.0 × 42.0 5.0
50
B32686S2333+563
T3
192
33
14.0
× 25.0 × 42.0 5.0
50
B32686S2333+564
T4
288
33
14.0
× 25.0 × 42.0 5.0
50
B32686S2333+565
T5
288
47
16.0
× 28.5 × 42.0 6.0
30
B32686S2473+563
T3
160
47
16.0
× 28.5 × 42.0 6.0
30
B32686S2473+564
T4
192
47
16.0
× 28.5 × 42.0 6.0
30
B32686S2473+565
T5
192
68
18.0
× 32.5 × 42.0 7.5
20
B32686S2683+563
T3
144
68
18.0
× 32.5 × 42.0 7.5
20
B32686S2683+564
T4
128
68
18.0
× 32.5 × 42.0 7.5
20
B32686S2683+565
T5
128
100
20.0
× 39.5 × 42.0 8.5
15
B32686S2104+561
T1
96
100
20.0
× 39.5 × 42.0 8.5
15
B32686S2104+562
T2
96
100
20.0
× 39.5 × 42.0 8.5
15
B32686S2104+563
T3
104
100
20.0
× 39.5 × 42.0 8.5
15
B32686S2104+564
T4
96
100
20.0
× 39.5 × 42.0 8.5
15
B32686S2104+565
T5
96
100
20.0
× 39.5 × 42.0 8.5
15
B32686S2104+566
T6
96
120
28.0
× 37.0 × 42.0 9.0
13
B32686S2124+561
T1
96
120
28.0
× 37.0 × 42.0 9.0
13
B32686S2124+562
T2
96
120
28.0
× 37.0 × 42.0 9.0
13
B32686S2124+563
T3
104
120
28.0
× 37.0 × 42.0 9.0
13
B32686S2124+566
T6
96
150
28.0
× 37.0 × 42.0 10.0
10
B32686S2154+561
T1
108
150
28.0
× 37.0 × 42.0 10.0
10
B32686S2154+562
T2
108
150
28.0
× 37.0 × 42.0 10.0
10
B32686S2154+563
T3
72
150
28.0
× 37.0 × 42.0 10.0
10
B32686S2154+566
T6
108
B32686S
Snubber
Page 8 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32686S7394561

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32686S7394 EPCOS-B32686S7394 Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
More results

Similar Description - B32686S7394561

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
logo
TDK Electronics
B32694 TDK-B32694_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors (MKP/MFP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com