Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82-000770-01 Datasheet(PDF) 11 Page - Analog Devices

Part # 82-000770-01
Description  ADSP-TS201S EZ-KIT Lite Evaluation System
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

82-000770-01 Datasheet(HTML) 11 Page - Analog Devices

Back Button 82-000770-01 Datasheet HTML 7Page - Analog Devices 82-000770-01 Datasheet HTML 8Page - Analog Devices 82-000770-01 Datasheet HTML 9Page - Analog Devices 82-000770-01 Datasheet HTML 10Page - Analog Devices 82-000770-01 Datasheet HTML 11Page - Analog Devices 82-000770-01 Datasheet HTML 12Page - Analog Devices 82-000770-01 Datasheet HTML 13Page - Analog Devices 82-000770-01 Datasheet HTML 14Page - Analog Devices 82-000770-01 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
ADSP-TS201S EZ-KIT Lite Evaluation System Manual
xi
Preface
• Flash memory
512K main flash memory
• USB debugging interface
• Interface connectors
14-pin emulator connector for JTAG interface
Low Voltage Differential Signaling (LVDS) link ports via
RJ-45 connectors
Expansion interface connectors
• General-purpose IO
4 push button flags (two for each processor)
2 push button interrupts (one for each processor)
4 LED FLAG outputs (two for each processor)
• Analog Devices ADP3331, ADP3336, ADP1864, ADP1821, and
ADP1823 voltage regulators
The EZ-KIT Lite board contains two external memories: flash memory
and SDRAM. The flash memory can be used to store user-specific boot
code. By configuring the boot mode switch (SW2) and programming the
flash memory, the board can run as a stand-alone unit. The SDRAM is
shared by both processors and can be used to store data external to the
processors. For more information, see “Memory Map” on page 1-7.
The EZ-KIT Lite board contains an audio interface, facilitating creation
of audio signal processing applications.
Additionally, the EZ-KIT Lite board provides expansion connectors,
allowing you to connect to the processor’s external port (EP).


Similar Part No. - 82-000770-01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
82-000760-01 AD-82-000760-01 Datasheet
757Kb / 44P
   HPUSB USB and HPPCI Emulators
More results

Similar Description - 82-000770-01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADZS-TS201S AD-ADZS-TS201S Datasheet
869Kb / 2P
   ADSP-TS201S EZ-KIT Lite Evaluation Kit for the TigerSHARC Processor
ADSP-BF506F AD-ADSP-BF506F Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
ADSP-CM408F AD-ADSP-CM408F Datasheet
594Kb / 87P
   The ADSP-CM408F EZ-KIT Lite is designed
EE-196 AD-EE-196 Datasheet
1Mb / 15P
   ADSP-BF535 Blackfin짰 EZ-KIT Lite??CompactFlash짰 Interface
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com