Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14490DWG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14490DWG
Description  Hex Contact Bounce Eliminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14490DWG Datasheet(HTML) 3 Page - ON Semiconductor

  MC14490DWG Datasheet HTML 1Page - ON Semiconductor MC14490DWG Datasheet HTML 2Page - ON Semiconductor MC14490DWG Datasheet HTML 3Page - ON Semiconductor MC14490DWG Datasheet HTML 4Page - ON Semiconductor MC14490DWG Datasheet HTML 5Page - ON Semiconductor MC14490DWG Datasheet HTML 6Page - ON Semiconductor MC14490DWG Datasheet HTML 7Page - ON Semiconductor MC14490DWG Datasheet HTML 8Page - ON Semiconductor MC14490DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MC14490
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55_C
25_C
125_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
(VO = 0.5 or 4.5 Vdc) “1 Level”
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
Oscillator Output
Source
(VOH = 2.5 V)
Pin 9
(VOH = 4.6 V)
(VOH = 9.5 V)
(VOH = 13.5 V)
Debounce Outputs
(VOH = 2.5 V)
Pins 2, 4, 6,
(VOH = 4.6 V)
11, 13, 15
(VOH = 9.5 V)
(VOH = 13.5 V)
Oscillator Output
Sink
(VOL = 0.4 V)
Pin 9
(VOL = 0.5 V)
(VOL = 1.5 V)
Debounce Outputs
(VOL = 0.4 V)
Pins 2, 4, 6,
(VOL = 0.5 V)
11, 13, 15
(VOL = 1.5 V)
IOH
5.0
5.0
10
15
– 0.6
– 0.12
– 0.23
– 1.4
– 0.5
– 0.1
– 0.2
– 1.2
– 1.5
– 0.3
– 0.8
– 3.0
– 0.4
– 0.08
– 0.16
– 1.0
mAdc
5.0
5.0
10
15
– 0.9
– 0.19
– 0.6
1.8
– 0.75
– 0.16
– 0.5
– 1.5
– 2.2
– 0.46
– 1.2
– 4.5
– 0.6
– 0.12
– 0.4
– 1.2
IOL
5.0
10
15
0.36
0.9
4.2
0.3
0.75
3.5
0.9
2.3
10
0.24
0.6
2.8
mAdc
5.0
10
15
2.6
4.0
12
2.2
3.3
10
4.0
9.0
35
1.8
2.7
8.1
Input Current
Debounce Inputs (Vin = VDD)
IIH
15
2.0
0.2
2.0
11
mAdc
Input Current Oscillator — Pin 7
(Vin = VSS or VDD)
Iin
15
± 620
± 255
± 400
± 250
mAdc
Pullup Resistor Source Current
Debounce Inputs
(Vin = VSS)
IIL
5.0
10
15
210
400
600
425
840
1250
140
280
415
190
380
570
255
500
750
70
145
215
225
440
660
mAdc
Input Capacitance
Cin
5.0
7.5
pF
Quiescent Current
(Vin = VSS or VDD, Iout = 0 mA)
ISS
5.0
10
15
150
280
840
40
90
225
100
225
650
90
180
550
mAdc
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14490DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14490DWG ONSEMI-MC14490DWG Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
More results

Similar Description - MC14490DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14490 ONSEMI-MC14490_06 Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490 ONSEMI-MC14490 Datasheet
234Kb / 12P
   Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
logo
American Electronic Com...
BB2-2001 AEC-BB2-2001 Datasheet
281Kb / 2P
   contact bounce release
BB3-2002 AEC-BB3-2002 Datasheet
288Kb / 2P
   contact bounce release
BB-7001 AEC-BB-7001 Datasheet
286Kb / 2P
   contact bounce release
logo
PHOENIX CONTACT
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
   Wear-free switching with no contact bounce
logo
International Rectifier
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
   Bounce-Free Operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
   Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
   Bounce-free operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
   Bounce-Free Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com