Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM44L920APGET Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # RM44L920APGET
Description  16- and 32-Bit RISC Flash Microcontroller
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM44L920APGET Datasheet(HTML) 8 Page - Texas Instruments

Back Button RM44L920APGET Datasheet HTML 4Page - Texas Instruments RM44L920APGET Datasheet HTML 5Page - Texas Instruments RM44L920APGET Datasheet HTML 6Page - Texas Instruments RM44L920APGET Datasheet HTML 7Page - Texas Instruments RM44L920APGET Datasheet HTML 8Page - Texas Instruments RM44L920APGET Datasheet HTML 9Page - Texas Instruments RM44L920APGET Datasheet HTML 10Page - Texas Instruments RM44L920APGET Datasheet HTML 11Page - Texas Instruments RM44L920APGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 162 page
background image
8
RM44L920, RM44L520
SPNS229C – OCTOBER 2014 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: RM44L920 RM44L520
Device Comparison
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Bolding denotes a superset device. For additional device variants, see www.ti.com/rm
3
Device Comparison
Table 3-1 lists the features of the RM44Lx20 devices.
Table 3-1. RM44Lx20 Device Comparison(1)
FEATURES
DEVICES
Generic Part
Number
RM46L852ZWT
RM46L852PGE
RM44L920PGE
RM44L920PZ
RM44L520PGE
RM44L520PZ
RM42L432PZ
Package
337 BGA
144 QFP
144 QFP
100 QFP
144 QFP
100 QFP
100 QFP
CPU
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4
Frequency (MHz)
220
220
180
120
180
120
100
Flash (KB)
1280
1280
1024
1024
768
768
384
RAM (KB)
192
192
128
128
128
128
32
Data Flash
[EEPROM] (KB)
64
64
64
64
64
64
16
USB OHCI +
Device
2+0 or 1+1
2+0 or 1+1
EMAC
10/100
10/100
FlexRay
CAN
3
3
3
2
3
2
2
MibADC
12-bit (Ch)
2 x (24ch)
2 x (24ch)
2 x (24ch)
2 x (16ch)
2 x (24ch)
2 x (16ch)
1 x (16ch)
N2HET (Ch)
2 (44)
2 (40)
2 (40)
2 (21)
2 (40)
2 (21)
1 (19)
ePWM Channels
14
14
14
8
14
8
eCAP Channels
6
6
6
4
6
4
eQEP Channels
2
2
2
1
2
1
2
MibSPI (CS)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (5 + 6 + 1)
2 (4 + 2)
3 (5 + 6 + 1)
2 (4 + 2)
1 (4)
SPI (CS)
2 (2 + 1)
1 (1)
1 (1)
1 (1)
1 (1)
1 (1)
2 (4 + 4)
SCI (LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
1(with LIN)
2 (1 with LIN)
1(with LIN)
1(with LIN)
I2C
1
1
1
1
GPIO (INT)
101 (with 16 interrupt
capable)
64 (with 10 interrupt
capable)
64 (with 16 interrupt
capable)
45 (with 9 interrupt
capable)
64 (with 16 interrupt
capable)
45 (with 9 interrupt
capable)
45 (with 8 interrupt
capable)
EMIF
16-bit data
ETM [Trace] (Data)
RTP/DMM (Data)
Operating
Temperature
-40ºC to 105ºC
-40ºC to 105ºC
-40ºC to 105ºC
-40ºC to 105ºC
-40ºC to 105ºC
-40ºC to 105ºC
-40ºC to 105ºC
Core Supply (V)
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
I/O Supply (V)
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.1
Related Products
For information about other devices in this family of products or related products, see the following links.
Products for RM 16-Bit and 32-Bit MCUs
An expansive portfolio of software and pin-compatible high-performance ARM® Cortex®-R-based MCU
products from 80 MHz up to 300 MHz with on-chip features that prove a high level of diagnostic coverage,
as well as provide scalability to address a wide range of applications.
Companion Products for RM44L920/RM44L520
Review products that are frequently purchased or used with this product.


Similar Part No. - RM44L920APGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM44L920APGET TI1-RM44L920APGET Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920APGET TI-RM44L920APGET Datasheet
9Mb / 165P
[Old version datasheet]   RM44Lx20 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - RM44L920APGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com