Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL37WZ17 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL37WZ17
Description  Triple Noninverting Schmitt-Trigger Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL37WZ17 Datasheet(HTML) 3 Page - ON Semiconductor

  NL37WZ17_13 Datasheet HTML 1Page - ON Semiconductor NL37WZ17_13 Datasheet HTML 2Page - ON Semiconductor NL37WZ17_13 Datasheet HTML 3Page - ON Semiconductor NL37WZ17_13 Datasheet HTML 4Page - ON Semiconductor NL37WZ17_13 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NL37WZ17
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−405C 3 TA 3 855C
Units
Min
Typ
Max
Min
Max
VT+
Positive Input Threshold
Voltage
2.3
2.7
3.0
4.5
5.5
1.0
1.2
1.3
1.9
2.2
1.5
1.7
1.9
2.7
3.3
1.8
2.0
2.2
3.1
3.6
1.0
1.2
1.3
1.9
2.2
1.8
2.0
2.2
3.1
3.6
V
VT
Negative Input Threshold
Voltage
2.3
2.7
3.0
4.5
5.5
0.4
0.5
0.6
1.0
1.2
0.75
0.87
1.0
1.5
1.9
1.15
1.4
1.5
2.0
2.3
0.4
0.5
0.6
1.0
1.2
1.15
1.4
1.5
2.0
2.3
V
VH
Input Hysteresis Voltage
2.3
2.7
3.0
4.5
5.5
0.25
0.3
0.4
0.6
0.7
0.75
0.83
0.93
1.2
1.4
1.1
1.15
1.2
1.5
1.7
0.25
0.3
0.4
0.6
0.7
1.1
1.15
1.2
1.5
1.7
V
VOH
High−Level Output Voltage
VIN = VIH or VIL
IOH = −100 mA
IOH = −3 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
VCC
1.52
2.1
2.4
2.7
2.5
4.0
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
V
VOL
Low−Level Output Voltage
VIN = VIH or VIL
IOL = 100 mA
IOL = 4 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
0.08
0.2
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
IIN
Input Leakage Current
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
mA
IOFF
Power Off Leakage Current
VIN = 5.5 V or
VOUT = 5.5 V
0
1
10
mA
ICC
Quiescent Supply Current
VIN = 5.5 V or GND
5.5
1
10
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
VCC
TA = 255C
−405C 3 TA 3 855C
Symbol
Parameter
Condition
(V)
Min
Typ
Max
Min
Max
Units
tPLH
tPHL
Propagation Delay
Input A to Y
(Figures 3 and 4)
RL = 1 MW, CL = 15 pF
2.5 ± 0.2
1.8
4.3
7.4
1.8
8.1
ns
RL = 1 MW, CL = 15 pF
RL = 500 W, CL = 50 pF
3.3 ± 0.3
1.5
1.8
3.3
4.0
5.0
5.0
1.5
1.8
5.5
6.6
RL = 1 MW, CL = 15 pF
RL = 500 W, CL = 50 pF
5.0 ± 0.5
1.0
1.2
2.7
3.2
4.1
4.9
1.0
1.2
4.5
5.4
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Units
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
2.5
pF
CPD
Power Dissipation Capacitance (Note 7)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
9
11
pF
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL37WZ17_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17_12 Datasheet
105Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2012 ??Rev. 7
More results

Similar Description - NL37WZ17_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17_V01 Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17 ONSEMI-NL37WZ17 Datasheet
87Kb / 8P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2003 - Rev. 3
NL37WZ17 ONSEMI-NL37WZ17_06 Datasheet
70Kb / 6P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2006 ??Rev. 5
NL37WZ17 ONSEMI-NL37WZ17_12 Datasheet
105Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2012 ??Rev. 7
logo
Texas Instruments
SN74LVC3G17 TI1-SN74LVC3G17_15 Datasheet
994Kb / 23P
[Old version datasheet]   Triple Schmitt-Trigger Buffer
SN74LVC3G17 TI-SN74LVC3G17 Datasheet
260Kb / 12P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER BUFFER
logo
Diodes Incorporated
74LVC3G17 DIODES-74LVC3G17 Datasheet
626Kb / 9P
   TRIPLE SCHMITT-TRIGGER BUFFER
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
logo
Texas Instruments
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com