Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXM17544 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAXM17544
Description  Integrated Compensation Components
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17544 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAXM17544 Datasheet HTML 7Page - Maxim Integrated Products MAXM17544 Datasheet HTML 8Page - Maxim Integrated Products MAXM17544 Datasheet HTML 9Page - Maxim Integrated Products MAXM17544 Datasheet HTML 10Page - Maxim Integrated Products MAXM17544 Datasheet HTML 11Page - Maxim Integrated Products MAXM17544 Datasheet HTML 12Page - Maxim Integrated Products MAXM17544 Datasheet HTML 13Page - Maxim Integrated Products MAXM17544 Datasheet HTML 14Page - Maxim Integrated Products MAXM17544 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PIN
NAME
FUNCTION
1, 7
N.C.
No Connection
2
SYNC
Frequency Synchronization. The device can be synchronized to an external clock using this pin.
See the External Frequency Synchronization (SYNC) section for more details.
3
SS
Soft-Start Input. Connect a capacitor from SS to SGND to set the soft-start.
4
CF
Compensation Filter. Connect capacitor from CF to FB to correct frequency response in
applications using non-ceramic output capacitors with switching frequency below 500kHz. Leave
CF open otherwise.
5
FB
Feedback Input. Connect FB to the center tap of an external resistor-divider from the OUT to
SGND to set the output voltage. See the Setting the Output Voltage section for more details.
6
RT
Frequency Set. Connect a resistor from RT to SGND to set the regulator’s switching frequency.
Leave RT open for the default 500kHz frequency.
8
MODE
Light-Load Mode Selection. The MODE pin configures the MAXM17544 to operate in PWM, PFM,
or DCM mode of operation. Leave MODE unconnected for PFM operation (pulse-skipping at light-
loads). Connect MODE to SGND for constant-frequency PWM operation at all loads. Connect
MODE to VCC for DCM operation. See the Mode Selection (MODE) section for more details.
9
VCC
5V LDO Output. No external connection.
10
SGND
Analog Ground. Internally-shorted to PGND. Connect it to PGND through a single point at output
capacitor.
11, 26
PGND
Power Ground. Connect the PGND pins externally to the power ground plane.
12–18
OUT
Regulator Output Pin. Connect a capacitor from OUT to PGND. See PCB Layout Guidelines
section for more connection details.
19–24
LX
Internally Connected to EP2. Please do not connect these pins to external components for any
reason.
25
BST
Boost Flying Cap Node. No external connection.
27
IN
Input Supply Connection. Bypass to PGND with a capacitor; place the capacitor close to the IN
and PGND pins. See Table 1 for more details
28
EN
Enable/Undervoltage-Lockout Input. Default enable through the pullup 3.3MΩ resistor between
EN and IN. Connect a resistor from EN to SGND to set the UVLO threshold.
29
RESET
Open-Drain RESET Output. The RESET output is driven low if FB drops below 92% of its set
value. RESET goes high 1024 clock cycles after FB rises above 95% of its set value.
EP1
SGND
Analog Ground. Connect this pad to 1in x 1in copper island with a lot of vias for cooling.
EP2
LX
Switching Node. Connect this pad to a small copper area of 1in x 1in under the device for thermal
relief.
EP3
OUT
Connect this pad to the OUT pins and copper area of 1in x 1in.
MAXM17544
4.5V to 42V, 3.5A High-Efficiency, DC-DC Step-
Down Power Module with Integrated Inductor
www.maximintegrated.com
Maxim Integrated │ 11
Pin Description


Similar Part No. - MAXM17544

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17544ALJ+T MAXIM-MAXM17544ALJ+T Datasheet
1Mb / 19P
   4.5V to 42V, 3.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
MAXM17544EVKIT MAXIM-MAXM17544EVKIT Datasheet
487Kb / 10P
   MAXM17544 in 3.3V Output-Voltage Application
Rev 0; 5/15
MAXM17544 MAXIM-MAXM17544_V01 Datasheet
1Mb / 19P
   4.5V to 42V, 3.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
More results

Similar Description - MAXM17544

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17503 MAXIM-MAXM17503 Datasheet
1Mb / 19P
   Integrated Compensation Components
Rev 1; 4/15
logo
NTE Electronics
NTE1415 NTE-NTE1415 Datasheet
18Kb / 2P
   Integrated Circuit Color Compensation Circuit
logo
Ferroxcube Internationa...
IIC2-14 FERROXCUBE-IIC2-14 Datasheet
73Kb / 7P
   Integrated inductive components
logo
FERYSTER Inductive Comp...
IIC10-14-4 FERYSTER-IIC10-14-4 Datasheet
70Kb / 9P
   Integrated inductive components
logo
Ferroxcube Internationa...
IIC10-14 FERROXCUBE-IIC10-14 Datasheet
94Kb / 9P
   Integrated inductive components
logo
Hotchip Technology Co.,...
HT4928S HOTCHIP-HT4928S Datasheet
1,016Kb / 6P
   Highly integrated, minimal peripheral components
logo
Rohm
BD9322EFJ ROHM-BD9322EFJ Datasheet
431Kb / 14P
   Simple Step-down Switching Regulator with Integrated Compensation
logo
Hotchip Technology Co.,...
HT4927U HOTCHIP-HT4927U Datasheet
1Mb / 6P
   Highly integrated, minimal peripheral components
logo
Maxim Integrated Produc...
MAX20004E MAXIM-MAX20004E Datasheet
749Kb / 21P
   Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
logo
Hotchip Technology Co.,...
HT4924U HOTCHIP-HT4924U Datasheet
1,017Kb / 6P
   Highly integrated and minimal peripheral components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com