Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2559YZT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2559YZT
Description  5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2559YZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS2559YZT Datasheet HTML 3Page - Texas Instruments TAS2559YZT Datasheet HTML 4Page - Texas Instruments TAS2559YZT Datasheet HTML 5Page - Texas Instruments TAS2559YZT Datasheet HTML 6Page - Texas Instruments TAS2559YZT Datasheet HTML 7Page - Texas Instruments TAS2559YZT Datasheet HTML 8Page - Texas Instruments TAS2559YZT Datasheet HTML 9Page - Texas Instruments TAS2559YZT Datasheet HTML 10Page - Texas Instruments TAS2559YZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
7
TAS2559
www.ti.com
SLASEE8 – NOVEMBER 2016
Product Folder Links: TAS2559
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
VBAT = 3.6V, AVDD = DVDD = IOVDD = 1.8 V, RESET = IOVDD, Gain = 16.4 dB, ERC = 14ns, Boost Inductor = 2.2 µH, RL =
8 Ω + 33 µH, 1-kHz input frequency, 48- kHz sample rate for digital input, Class-H Boost Enabled, TA= 25°C, ILIM = 3 A
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST CONVERTER
Boost Output Voltage
Average voltage (w/o including ripple).
8.5
V
Boost Converter Switching Frequency
1.77
MHz
Boost Converter Current Limit
3
A
Boost Converter Max In-Rush Current
High Efficiency Mode: Max inductor inrush
and startup current after enable
4
A
Normal Efficiency Mode: Max inductor
inrush and startup current after enable
1.5
CLASS-D CHANNEL
Output Voltage for Full-Scale Digital
Input
6.6
VRMS
Load Resistance (Load Spec
Resistance)
3.6
8
Ω
Class-D Frequency
Avg Frequency in Spread-Spectrum Mode
384
kHz
Fixed Frequency
44.1 × 8
48 × 8
Class-D + Boost Efficiency
POUT = 3.5 W (sinewave) ROM Mode 1
80
%
POUT = 0.5 W (sinewave) ROM Mode 1
87
Class-D Output Current Limit (Short
Circuit Protection)
VBOOST = 8.5 V, OUT– shorted to VBAT,
VBOOST, GND
6
A
Class-D Output Offset Voltage in
Digital Input Mode
–2.5
2.5
mV
Programmable Channel Gain
Accuracy
±0.5
dB
Mute Attenuation
Device in shutdown or device in normal
operation and MUTED
150
dB
VBAT Power Supply Rejection Ratio
(PSRR)
Ripple of 200 mVpp at 217 Hz
110
dB
AVDD Power Supply Rejection Ratio
(PSRR)
Ripple of 200 mVpp at 217 Hz
99
dB
THD+N
1 kHz, POUT = 0.1 W
0.0041
%
1 kHz, Po = 0.5 W
0.0036
1 kHz, Po = 1 W
0.0035
1 kHz, Po = 3 W
0.02
Output Integrated Noise (20 Hz-20
kHz) - 8 Ω
A-wt Filter, DAC modulator switching
15.9
µV
Signal-to-noise ratio
Referenced to 1% THD+N at output, a-
weighted
110.6
dB
Max Output Power, 3-A Current Limit
THD+N=1%, 8-Ω Load
3.7
W
THD+N=1%, 6-Ω Load
4.5
THD+N=1%, 4-Ω Load
5
Startup Pop
Digital Input, A-weighted output
10
mV
Output Impedance in Shutdown
/RESET = 0 V
10
Startup Time
Time taken from end of configuring device
in ROM mode1/2 to Speaker output signal
in SPI mode running at 25 MHz with 48
ksps input
8
mS
Shutdown Time
Measured from time when device is
programmed in software shutdown mode
100
µS


Similar Part No. - TAS2559YZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552YFFR TI1-TAS2552YFFR Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552YFFT TI1-TAS2552YFFT Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
More results

Similar Description - TAS2559YZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com