Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9554DWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9554DWR
Description  Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9554DWR Datasheet(HTML) 5 Page - Texas Instruments

  TCA9554DWR Datasheet HTML 1Page - Texas Instruments TCA9554DWR Datasheet HTML 2Page - Texas Instruments TCA9554DWR Datasheet HTML 3Page - Texas Instruments TCA9554DWR Datasheet HTML 4Page - Texas Instruments TCA9554DWR Datasheet HTML 5Page - Texas Instruments TCA9554DWR Datasheet HTML 6Page - Texas Instruments TCA9554DWR Datasheet HTML 7Page - Texas Instruments TCA9554DWR Datasheet HTML 8Page - Texas Instruments TCA9554DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TCA9554
www.ti.com
SCPS233D – MARCH 2012 – REVISED AUGUST 2015
6.4 Thermal Information
TCA9554
THERMAL METRIC(1)
PW (TSSOP)
DBQ (SSOP)
DB (SSOP)
UNIT
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
122.0
121.7
113.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56.4
72.9
63.6
°C/W
RθJB
Junction-to-board thermal resistance
67.1
64.2
64.0
°C/W
ψJT
Junction-to-top characterization parameter
10.8
24.4
21.2
°C/W
ψJB
Junction-to-board characterization parameter
66.5
63.8
63.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
1.65 V to 5.5 V
–1.2
V
VPORR
Power-on reset voltage, VCC rising
VI = VCC or GND, IO = 0
1.2
1.5
V
VPORF
Power-on reset voltage, VCC falling
VI = VCC or GND, IO = 0
0.75
1.0
V
1.65 V
1.2
2.3 V
1.8
IOH = –8 mA
3 V
2.6
4.5 V
4.1
VOH
P-port high-level output voltage(2)
1.65 V
1.1
V
2.3 V
1.7
IOH = –10 mA
3 V
2.5
4.5 V
4.0
SDA(3)
VOL = 0.4 V
1.65 V to 5.5 V
3
11
1.65 V
8
10
2.3 V
8
13
VOL = 0.5 V
3 V
8
15
4.5 V
8
17
IOL
P port(4)
mA
1.65 V
10
14
2.3 V
10
17
VOL = 0.7 V
3 V
10
20
4.5 V
10
24
INT (5)
VOL = 0.4 V
1.65 V to 5.5 V
3
7
SCL, SDA
±1
II
VI = VCC or GND
1.65 V to 5.5 V
µA
A0, A1, A2
±1
IIH
P port
VI = VCC
1.65 V to 5.5 V
1
µA
IIL
P port
VI = GND
1.65 V to 5.5 V
–100
µA
(1)
All typical values are at nominal supply voltage (1.8-V, 2.5-V, 3.3-V, or 5-V VCC) and TA = 25°C.
(2)
Each P-port I/O configured as a high output must be externally limited to a maximum of 10 mA, and the total current sourced by all I/Os
(P-ports P7-P0) through VCC should be limited to a maximum current of 80 mA.
(3)
The SDA pin must be externally limited to a maximum of 12 mA, and the total current sunk by all I/Os (P-ports P7-P0, INT, and SDA)
through GND should be limited to a maximum current of 200 mA.
(4)
Each P-port I/O configured as a low output must be externally limited to a maximum of 25 mA, and the total current sunk by all I/Os (P-
ports P7-P0, INT, and SDA) through GND should be limited to a maximum current of 200 mA.
(5)
The INT pin must be externally limited to a maximum of 7 mA, and the total current sunk by all I/Os (P-ports P7-P0, INT, and SDA)
through GND should be limited to a maximum current of 200 mA.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TCA9554


Similar Part No. - TCA9554DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554DBQR TI1-TCA9554DBQR Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554DBR TI1-TCA9554DBR Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Similar Description - TCA9554DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554A TI1-TCA9554A_15 Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com