Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1085MG Datasheet(PDF) 3 Page - Seme LAB

Part # LT1085MG
Description  3 AMP POSITIVE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LT1085MG Datasheet(HTML) 3 Page - Seme LAB

  LT1085MG Datasheet HTML 1Page - Seme LAB LT1085MG Datasheet HTML 2Page - Seme LAB LT1085MG Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 4/95
LT1085M
MILITARY VERSION
G & IG Packages (TO–257)
3.05 ± 0.08
(0.12 ± 0.003)
Ø
3.05 (0.120)
3.30 (0.130)
0.64 (0.025)
0.89 (0.035)
2.54 ± 0.08
(0.10 ± 0.003)
0.89 (0.035)
1.14 (0.045)
10.41 (0.410)
10.72 (0.422)
4.83 (0.190)
5.46 (0.215)
12 3
K Package (TO–3)
SMD1 PACKAGE
LT1085MK
Pin
Fixed
Adjustable
1
COMMON
ADJUST
2
OUTPUT
OUTPUT
3
INPUT
INPUT
Case is OUTPUT
Pin
Fixed
Adjustable
1
COMMON
ADJUST
2
INPUT
INPUT
Case is OUTPUT
LT1085MSMD
Pin
Fixed
Adjustable
1
COMMON
ADJUST
2
OUTPUT
OUTPUT
3
INPUT
INPUT
LT1085MG
Pin
Fixed
Adjustable
1
COMMON
ADJUST
2
OUTPUT
OUTPUT
3
INPUT
INPUT
Case is ISOLATED
LT1085MIG
40.01 (1.575)
Max.
4.47 (0.176)
Rad.
2 Pls.
22.23 (0.875)
Max.
11.43 (0.450)
6.35 (0.250)
12.19 (0.48)
11.18 (0.44)
1.63 (0.064)
1.52 (0.060)
1.09 (0.043)
0.97 (0.038)
Dia.
30.40 (1.197)
29.90 (1.177)
16.97 (0.668)
16.87 (0.664)
4.09 (0.161)
3.84 (0.151)
2 Pls
11.18 (0.440)
10.67 (0.420)
26.67
(1.050)
Max.
2
1
3. 60 ( 0. 142)
Ma x .
3. 70 ( 0. 146)
3. 41 ( 0. 134)
3. 70 ( 0. 146)
3. 41 ( 0. 134)
0. 89
( 0 . 035)
mi n .
9. 67 ( 0. 381)
9. 38 ( 0. 369)
11. 58 ( 0 . 4 56)
11. 28 ( 0 . 4 44)
0. 50 ( 0. 020)
0. 26 ( 0. 010)
13
2


Similar Part No. - LT1085MG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1085M LINER-LT1085M Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085MK LINER-LT1085MK Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085MK LINER-LT1085MK Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085MK LINER-LT1085MK Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085MK-12 LINER-LT1085MK-12 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1085MG

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1587C SEMTECH-EZ1587C_06 Datasheet
156Kb / 6P
   3 Amp Positive Voltage Regulator
EZ1587C SEMTECH-EZ1587C Datasheet
159Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085G SEME-LAB-LM1085G Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085 SEMTECH-EZ1085_06 Datasheet
155Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
   3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com