Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOB20B65M1 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOB20B65M1
Description  Very fast and soft recovery freewheeling diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB20B65M1 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOB20B65M1 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
0.5
1
1.5
2
2.5
3
10
15
20
25
30
35
40
I
C (A)
Figure 17: Switching Loss vs. I
C
(T
j=175°C, VGE=15V, VCE=400V, Rg=15Ω)
Eoff
Eon
Etotal
0
0.5
1
1.5
2
2.5
3
0
30
60
90
120
150
R
g (Ω)
Figure 18: Switching Loss vs. R
g
(T
j=175°C, VGE=15V, VCE=400V, IC=20A)
Eoff
Eon
Etotal
0.3
0.6
0.9
1.2
1.5
Eoff
Eon
Etotal
0.3
0.6
0.9
1.2
1.5
Eoff
Eon
Etotal
0
25
50
75
100
125
150
175
T
J (°C)
Figure 19: Switching Loss vs. T
j
(V
GE=15V, VCE=400V, IC=20A, Rg=15Ω)
0
200
250
300
350
400
450
500
V
CE (V)
Figure 20: Switching Loss vs. V
CE
(T
j=175°C, VGE=15V, IC=20A, Rg=15Ω)
Rev.3.0: May 2016
www.aosmd.com
Page 6 of 9


Similar Part No. - AOB20B65M1

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB20C60 AOSMD-AOB20C60 Datasheet
79Kb / 3P
   Plastic Encapsulated Device
AOB20C60P AOSMD-AOB20C60P Datasheet
452Kb / 6P
   600V,20A N-Channel MOSFET
logo
Inchange Semiconductor ...
AOB20C60P ISC-AOB20C60P Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOB20C60PL AOSMD-AOB20C60PL Datasheet
452Kb / 6P
   600V,20A N-Channel MOSFET
AOB20C60PL AOSMD-AOB20C60PL Datasheet
452Kb / 6P
   High Current Capability
More results

Similar Description - AOB20B65M1

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD7B65M3 AOSMD-AOD7B65M3 Datasheet
540Kb / 9P
   Very fast and soft recovery freewheeling diode
AOB5B65M1 AOSMD-AOB5B65M1 Datasheet
558Kb / 9P
   Very fast and soft recovery freewheeling diode
AOD5B65M1 AOSMD-AOD5B65M1 Datasheet
548Kb / 9P
   Very fast and soft recovery freewheeling diode
logo
Vishay Siliconix
BYT43 VISHAY-BYT43 Datasheet
46Kb / 4P
   Very Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
BYV98 VISHAY-BYV98 Datasheet
37Kb / 3P
   Very Fast Soft-Recovery Rectifiers
Rev. 2, 24-Jun-98
logo
Shenzhen Ping Sheng Ele...
BYV26 PFS-BYV26 Datasheet
242Kb / 3P
   Very Fast Soft-Recovery Avalanche Rectifier
logo
Vishay Siliconix
BYV26 VISHAY-BYV26 Datasheet
41Kb / 4P
   Very Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
logo
SanRex Corporation
DBA200UA60 SANREX-DBA200UA60 Datasheet
128Kb / 2P
   Fast & Soft Recovery Diode
DBA100UA60 SANREX-DBA100UA60 Datasheet
120Kb / 2P
   Fast & Soft Recovery Diode
DBA200UA40 SANREX-DBA200UA40 Datasheet
120Kb / 2P
   Fast & Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com