Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9770 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9770
Description  1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9770 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9770 Datasheet HTML 4Page - Maxim Integrated Products MAX9770 Datasheet HTML 5Page - Maxim Integrated Products MAX9770 Datasheet HTML 6Page - Maxim Integrated Products MAX9770 Datasheet HTML 7Page - Maxim Integrated Products MAX9770 Datasheet HTML 8Page - Maxim Integrated Products MAX9770 Datasheet HTML 9Page - Maxim Integrated Products MAX9770 Datasheet HTML 10Page - Maxim Integrated Products MAX9770 Datasheet HTML 11Page - Maxim Integrated Products MAX9770 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1.2W Low-EMI, Filterless, Mono Class D Amplifier
with Stereo DirectDrive Headphone Amplifiers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 3.3V, BW = 22Hz to 22kHz, GAIN1 = 1, GAIN2 = 0, spread-spectrum mode, headphone outputs in phase.)
80
70
60
50
40
30
20
10
0
10
100
1000
OUTPUT POWER
vs. LOAD RESISTANCE (HEADPHONE MODE)
LOAD RESISTANCE (
Ω)
f = 1kHz
THD+N = 10%
THD+N = 1%
0
30
20
10
40
50
60
70
80
90
100
2.5
3.5
3.0
4.0
4.5
5.0
5.5
OUTPUT POWER
vs. SUPPLY VOLTAGE (HEADPHONE MODE)
SUPPLY VOLTAGE (V)
RL = 16
f = 1kHz
THD+N = 10%
THD+N = 1%
0
10
20
30
40
50
60
70
80
2.5
3.5
3.0
4.0
4.5
5.0
5.5
OUTPUT POWER
vs. SUPPLY VOLTAGE (HEADPHONE MODE)
SUPPLY VOLTAGE (V)
RL = 32
f = 1kHz
THD+N = 10%
THD+N = 1%
0
50
100
150
200
250
300
060
30
90
120
150
POWER DISSIPATION
vs. OUTPUT POWER (HEADPHONE MODE)
OUTPUT POWER (mW)
f = 1kHz
POUT = POUTL + POUTR
RL = 16
RL = 32
0
-100
10
100
1k
10k
100k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (HEADPHONE MODE)
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
VDD = 5V
VRIPPLE = 200mVP-P
RL = 32
0
-100
10
100
1k
10k
100k
CROSSTALK vs. FREQUENCY
(HEADPHONE MODE)
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
RL = 32
f = 1kHz
VIN = 200mVP-P
LEFT TO RIGHT
RIGHT TO LEFT
0
-100
10
100
1k
10k
100k
FEEDTHROUGH vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
SEL1 = 0
SEL2 = 1
IN1_ = GND
IN2_ = DRIVEN
VIN = 2VP-P
HEADPHONE MODE
SPEAKER MODE
0
10
30
20
50
40
60
20
30
40
50
OUTPUT POWER
vs. CHARGE-PUMP CAPACITANCE
LOAD (
Ω)
C1 = C2 = 1
µF
C1 = C2 = 0.47
µF
f = 1kHz
THD+N = 1%
-140
-100
-120
-60
-80
-20
-40
0
OUTPUT SPECTRUM
(HEADPHONE MODE)
FREQUENCY (kHz)
0
5
10
15
20
RL = 32
f = 1kHz
VIN = -60dBV


Similar Part No. - MAX9770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9770 MAXIM-MAX9770 Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9770ETI++ MAXIM-MAX9770ETI+ Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9770EUI MAXIM-MAX9770EUI Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9770 MAXIM-MAX9770_V01 Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
More results

Similar Description - MAX9770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9770 MAXIM-MAX9770_V01 Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
   1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com