Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9770 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9770
Description  1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9770 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9770 Datasheet HTML 7Page - Maxim Integrated Products MAX9770 Datasheet HTML 8Page - Maxim Integrated Products MAX9770 Datasheet HTML 9Page - Maxim Integrated Products MAX9770 Datasheet HTML 10Page - Maxim Integrated Products MAX9770 Datasheet HTML 11Page - Maxim Integrated Products MAX9770 Datasheet HTML 12Page - Maxim Integrated Products MAX9770 Datasheet HTML 13Page - Maxim Integrated Products MAX9770 Datasheet HTML 14Page - Maxim Integrated Products MAX9770 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1.2W Low-EMI, Filterless, Mono Class D Amplifier
with Stereo DirectDrive Headphone Amplifiers
______________________________________________________________________________________
11
OUT+
OUT-
VIN-
VIN+
VOUT+ - VOUT-
tON(MIN)
tSW
Figure 1. MAX9770 Outputs with an Input Signal Applied
width pulse tON(min) at the output of the second com-
parator (Figure 1). As the input voltage increases or
decreases, the duration of the pulse at one output
increases (the first comparator trip point) while the
other output pulse duration remains at tON(min). This
causes the net voltage across the speaker (VOUT+ -
VOUT-) to change.
Operating Modes
The switching frequency of the charge pump is 1/2 the
switching frequency of the Class D amplifier, regard-
less of the operating mode. When SYNC is driven exter-
nally, the charge pump switches at 1/2 fSYNC. When
SYNC = VDD, the charge pump switches with a spread-
spectrum pattern.
Fixed-Frequency Modulation (FFM) Mode
The MAX9770 features two FFM modes. The FFM
modes are selected by setting SYNC = GND for a
1.1MHz switching frequency, and SYNC = FLOAT for a
1.45MHz switching frequency. In FFM mode, the fre-
quency spectrum of the Class D output consists of the
SYNC INPUT
MODE
GND
FFPWM with fS = 1100kHz
FLOAT
FFPWM with fS = 1450kHz
VDD
SSPWM with fS = 1220kHz
±120kHz
Clocked
FFPWM with fS = external clock frequency
Table 1. Operating Modes


Similar Part No. - MAX9770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9770 MAXIM-MAX9770 Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9770ETI++ MAXIM-MAX9770ETI+ Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9770EUI MAXIM-MAX9770EUI Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9770 MAXIM-MAX9770_V01 Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
More results

Similar Description - MAX9770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9770 MAXIM-MAX9770_V01 Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
   1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com