Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBI5001CD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MBI5001CD
Description  8 BIT CONSTANT CURRENT LED DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBI5001CD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MBI5001CD Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI5001CD Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5001CD Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5001CD Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5001CD Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5001CD Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5001CD Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5001CD Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5001CD Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MBI5001
8-bit Constant Current LED Driver
February 2003, V1.2
- 7 -
Timing Wave Form
10%
10%
50%
90%
t
90%
setup
50%
50%
hold
90%
t
10%
50%
90%
pHL
10%
t setup
50%
50%
50%
t
50%
rf
t
50%
CLK
1. CLK, SDI, SDO, OUTn
t
t
50%
or
50%
f
t
pLH
t
SDI
SDO,
OUTn (current)
50%
50%
CLK
SDI
/LE
2. CLK - /LE
"L" level = DATA HOLD
/OE
OUTn
t
t
pLH
pHL
3. /OE - OUTn


Similar Part No. - MBI5001CD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
MBI5016CD ETC-MBI5016CD Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
MBI5016CD ETC2-MBI5016CD Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
MBI5016CF ETC-MBI5016CF Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
MBI5016CF ETC-MBI5016CF Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
More results

Similar Description - MBI5001CD

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com