Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD500-8 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # AD500-8
Description  APD with 0.2 mm짼 active area
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD500-8 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  AD500-8 Datasheet HTML 1Page - Sensortechnics GmbH AD500-8 Datasheet HTML 2Page - Sensortechnics GmbH AD500-8 Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
First Sensor APD Data Sheet
Part Description AD500-8 TO
Order # 500030; 500305; 500155
Version 14-08-14
Features
Description
Application
RoHS
2002/95/EC
Absolute maximum ratings
Spectral response (M = 100)
Max
125
100
0.25
500030; 500305
Electro-optical characteristics @ 23 °C
Unit
µm
mm²
nA
pF
A/W
ns
GHz
V
V/K
*please add a "01" to the order numer for VBR-class 80V-120V and a "02" for VBR-class 120V-160V
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
USA:
Temperature coefficiant
Change of VBR with temperature
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
M = 100
Cut-off frequency
-3dB
Responsivity
M = 100; λ = 800 nm
45
Excess noise factor
M = 100
VBR
Breakdown voltage
TOP
Operating temp
-40
°C
Mmax
Gain (IP0 = 1 nA)
200
IPEAK
Peak DC current
mA
TSTG
Storage temp
-55
°C
• Laser range finder
• High speed photometry
• High speed optical
communications
• APD with 0.2 mm² active area
• 500 µm diameter active area
• High gain at low bias voltage
• Fast rise time, low capacitance
Symbol
Unit
Min
Circular active area APD chip with
500 µm diameter. Metal can type
hermetic TO52 package with clear
glass window. Three TO52 types
available, customization on request.
• Medical equipment
Parameter
• Optimum gain: 50-60
Symbol
Characteristic
Test Condition
500155
1
tR
Rise time
M = 100; λ = 905 nm; RL = 50 Ω
F +49 30 639923-752
T +1 818 706 3400
F +1 818 889 7053
Active area
0.196
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
C
Capacitance
M = 100
2.2
ID
IR = 2 µA, VBR - binning available*
80
Excess noise index
Dark current
M = 100
0.5
1.0
50
Max
Active area
Min
diameter 500
Typ
2.2
0.2
0.35
0.45
160
0
10
20
30
40
50
60
400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100
Wavelength (nm)
PIN 1
PIN 4
PIN 3
PIN 1
PIN 2
PIN 2
# 500030
# 500305
# 500155


Similar Part No. - AD500-8

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD500-8-13G SENSORTECHNICS-AD500-8-13G Datasheet
258Kb / 3P
   0.500 mm active area
More results

Similar Description - AD500-8

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD500-9TO SENSORTECHNICS-AD500-9TO Datasheet
444Kb / 4P
   APD with 0.2 mm짼 active area
logo
List of Unclassifed Man...
AD500-9-TO52-S1 ETC2-AD500-9-TO52-S1 Datasheet
901Kb / 4P
   APD with 0.2 mm짼 active area
logo
Sensortechnics GmbH
AD500-12SMD SENSORTECHNICS-AD500-12SMD Datasheet
359Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
   APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
   APD with 0.008 mm짼 active area
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
   APD with 0.04 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
   APD with 1.0 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com