Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33661D Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC33661D
Description  LIN Enhanced Physical Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33661D Datasheet(HTML) 3 Page - Motorola, Inc

  MC33661D Datasheet HTML 1Page - Motorola, Inc MC33661D Datasheet HTML 2Page - Motorola, Inc MC33661D Datasheet HTML 3Page - Motorola, Inc MC33661D Datasheet HTML 4Page - Motorola, Inc MC33661D Datasheet HTML 5Page - Motorola, Inc MC33661D Datasheet HTML 6Page - Motorola, Inc MC33661D Datasheet HTML 7Page - Motorola, Inc MC33661D Datasheet HTML 8Page - Motorola, Inc MC33661D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33661
3
TERMINAL DEFINITIONS
A functional description of each terminal can be found in the System/Application Information section beginning on page 13.
Terminal
Terminal
Name
Formal Name
Definition
1
RXD
Receiver Output
MCU interface that reports the state of the LIN bus voltage.
2
EN
Enable Control
Controls the operation mode of the interface.
3
WAKE
Wake Input
A high-voltage input used to wake up the device from sleep mode.
4
TXD
Transmitter Input
MCU interface to control the state of the LIN output.
5
INH
Inhibit Output
This terminal can have two main functions: controlling an external switchable voltage
regulator or driving a bus external resistor in the master node application.
6
VSUP
Power Supply
Device power supply terminal.
7
LIN
LIN Bus
Represents the single-wire bus transmitter and receiver.
8
GND
Ground
Device ground terminal.
1
2
3
4
5
6
7
8
RXD
EN
WAKE
TXD
INH
VSUP
LIN
GND
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33661D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33661D FREESCALE-MC33661D Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
MC33661DR2 FREESCALE-MC33661DR2 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
More results

Similar Description - MC33661D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Freescale Semiconductor...
33661 FREESCALE-33661 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
logo
Texas Instruments
SN65HVDA195-Q1 TI1-SN65HVDA195-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   LIN AND MOST ECL PHYSICAL INTERFACE
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com