Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAW0L7PA Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SAW0L7PA
Description  Superior high Flux for High Current System
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW0L7PA Datasheet(HTML) 3 Page - Seoul Semiconductor

  SAW0L7PA Datasheet HTML 1Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 2Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 3Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 4Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 5Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 6Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 7Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 8Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Rev1.1, Dec 2, 2015
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
SAW0L7PA
– Acrich MJT 5050
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Characteristics, I
F=60mA, Tj=25ºC
Table 3. Absolute Maximum Ratings
Notes :
(1) Seoul Semiconductor maintains a tolerance of
7% on flux and power measurements.
(2) Ф
V is the total luminous flux output as measured with an integrating sphere.
(3) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. Color
coordinate :
0.005, CCT 5% tolerance.
(4) Tolerance is
2.0 on CRI measurements.
(5) Thermal resistance: Rth
JS (Junction to Solder)
Calculated performance values are for reference only.
All measurements were made under the standardized environment of Seoul Semiconductor.
Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Luminous Flux[1]
Φ
v
[2]
177
200
-
lm
Correlated Color Temperature[3]
CCT
3,700
5,000
7,000
K
CRI[4]
Ra
70
-
-
-
Forward Voltage
V
F
20
21
23
V
Power Dissipation
P
d
-
1.26
-
W
Viewing Angle
2Θ1/2
-
120
-
deg.
Thermal resistance (J to S)[5]
j-s
-
6.0
-
K/W
ESD Sensitivity(HBM)
-
Class 3A JESD22-A114-E
Parameter
Symbol
Value
Unit
Forward Current
I
F
120
mA
Power Dissipation
P
D
2.8
W
Junction Temperature
T
j
125
ºC
Operating Temperature
T
opr
-30 ~ + 100
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC


Similar Part No. - SAW0L7PA

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

Similar Description - SAW0L7PA

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
SDW05F1C SEOUL-SDW05F1C Datasheet
516Kb / 20P
   Superior high Flux for High Current System
SZ5-M0 SEOUL-SZ5-M0 Datasheet
954Kb / 24P
   Superior high Flux for High Current System
SAW8LH0A SEOUL-SAW8LH0A Datasheet
890Kb / 23P
   Superior high Flux for High Current System
SDW02F1C SEOUL-SDW02F1C Datasheet
475Kb / 20P
   Superior high Flux for High Current System
SDW04F1C SEOUL-SDW04F1C Datasheet
506Kb / 20P
   Superior high Flux for High Current System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com