Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33661R2 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC33661R2
Description  LIN Enhanced Physical Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33661R2 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC33661R2 Datasheet HTML 2Page - Motorola, Inc MC33661R2 Datasheet HTML 3Page - Motorola, Inc MC33661R2 Datasheet HTML 4Page - Motorola, Inc MC33661R2 Datasheet HTML 5Page - Motorola, Inc MC33661R2 Datasheet HTML 6Page - Motorola, Inc MC33661R2 Datasheet HTML 7Page - Motorola, Inc MC33661R2 Datasheet HTML 8Page - Motorola, Inc MC33661R2 Datasheet HTML 9Page - Motorola, Inc MC33661R2 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
33661
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
LIN BUS TERMINAL (VOLTAGE EXPRESSED VERSUS VSUP VOLTAGE) (continued)
Pullup Resistor to VSUP (Normal Mode)
RPU
20
30
47
k
Pullup Current Source (Sleep Mode)
IPU
20
µA
Overcurrent Shutdown Threshold
IOV-CUR
50
75
150
mA
Overcurrent Shutdown Delay (Note 4)
IOV-DELAY
10
µs
Leakage Current to GND
Recessive State, 8.0 V
≤ VSUP ≤ 18 V, 8.0 V ≤ VLIN ≤ 18 V
IBUS-PAS-REC
0
3.0
20
µA
GND Disconnected
VGND = VSUP, VLIN at -18 V
IBUS no GND
-1.0
1.0
mA
Leakage Current to GND
VSUP Disconnected, VLIN at +18 V
IBUS
1.0
10
µA
LIN Receiver VIL
TXD High, RXD Low
VLIN-VIL
0
0.4 VSUP
V
LIN Receiver VIH
TXD High, RXD High
VLIN-VIH
0.6 VSUP
VSUP
V
LIN Receiver Threshold Center
(VLIN-VIH - VLIN-VIL)/ 2
VLINTHRES
0.475
0.5
0.525
VSUP
LIN Receiver Input Hysteresis
VLIN-VIH - VLIN-VIL
VLINHYST
0.175
VSUP
LIN Wake-Up Threshold
VLINWU
0.5
VSUP
INHIBIT OUTPUT TERMINAL
INH Driver ON Resistance (Normal Mode)
INHON
35
70
Leakage Current (Sleep Mode)
0 < VINH < VSUP
ILEAK
0
5.0
µA
WAKE TERMINAL
Typical Wake-Up Threshold (EN = 0 V, 7.0 V
≤ VSUP ≤ 18 V) (Note 5)
HIGH-to-LOW Transition
LOW-to-HIGH Transition
VWUTHRESHL
VWUTHRESLH
0.3 VSUP
0.4 VSUP
0.43 VSUP
0.55 VSUP
0.55 VSUP
0.65 VSUP
V
Wake-Up Threshold Hysteresis
VWUHYST
0.1 VSUP
0.16 VSUP
0.2 VSUP
V
WAKE Input Current
V < 27 V
IWIN1
1.0
5.0
µA
Notes
4.
This parameter is guaranteed by design; however, it is not production tested.
5.
When VSUP > 18 V, the wake-up thresholds remain identical to the wake-up thresholds at 18 V.
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 7.0 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33661R2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Freescale Semiconductor...
MC33661D FREESCALE-MC33661D Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
MC33661DR2 FREESCALE-MC33661DR2 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
MC33661PEF FREESCALE-MC33661PEF Datasheet
678Kb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
logo
NXP Semiconductors
MC33661PEF NXP-MC33661PEF Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results

Similar Description - MC33661R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Freescale Semiconductor...
33661 FREESCALE-33661 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
logo
Texas Instruments
SN65HVDA195-Q1 TI1-SN65HVDA195-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   LIN AND MOST ECL PHYSICAL INTERFACE
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com