Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR18EZH Datasheet(PDF) 5 Page - Rohm

Part # MCR18EZH
Description  Thick film rectangular
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR18EZH Datasheet(HTML) 5 Page - Rohm

  MCR18EZH Datasheet HTML 1Page - Rohm MCR18EZH Datasheet HTML 2Page - Rohm MCR18EZH Datasheet HTML 3Page - Rohm MCR18EZH Datasheet HTML 4Page - Rohm MCR18EZH Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MCR18
Resistors
−2.0
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
2.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.18
SAMPLE SIZE : n
=10pcs
SOLDERING CONDITION : 260
°C 10s
0.1
1
10 100
1k 10k 100k 1M 10M
Fig.8 Resistance to soldering heat
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
0.1
1
10 100 1k 10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.19
SAMPLE SIZE : n
=10pcs
−55°C / 125°C 5cyc
Fig.9 Rapid change of
temperature
Fig.10 Damp heat, steady state
−4.0
−3.0
−2.0
−1.0
0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.24
SAMPLE SIZE : n
=10pcs
40
°C 93%RH WITH NO LOAD 1,000h
0.1
1
10 100 1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
0.1
1
10 100 1k 10k 100k 1M 10M
JIS C 5201-1 4.25.1
SAMPLE SIZE : n
=10pcs
70
°C 1,000h
OVERLOAD : THE RATED VOLTAGE
−4.0
−3.0
−2.0
−1.0
0
1.0
2.0
3.0
4.0
Fig.11 Endurance (at 70
°C)
−4.0
−3.0
−2.0
−1.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
0.1
1
10 100 1k 10k 100k 1M 10M
JIS C 5201-1 4.25.3
SAMPLE SIZE : n
=10pcs
155
°C WITH NO LOAD 1,000h
0
Fig.12 Endurance
JIS C 5201-1 4.29
SAMPLE SIZE : n
=10pcs
IPA, 5min.
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
RESISTANCE
(
Ω)
0.1
1
10 100
1k 10k 100k 1M 10M
Fig.13 Resistance to solvents
−2.0
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
2.0
RESISTANCE
(
Ω)
0.1
1
10 100 1k 10k 100k 1M 10M
JIS C 5201-1 4.33
SAMPLE SIZE : n
=10pcs
ENDURANCE WITH 90mm WIDTH
Fig.14 Bend strength of
the end face plating


Similar Part No. - MCR18EZH

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR18EZHF ROHM-MCR18EZHF Datasheet
108Kb / 6P
   Thick film rectangular
MCR18EZHF1501 ROHM-MCR18EZHF1501 Datasheet
108Kb / 6P
   Thick film rectangular
MCR18EZHFFL ROHM-MCR18EZHFFL Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHFFS ROHM-MCR18EZHFFS Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHFJL ROHM-MCR18EZHFJL Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
More results

Similar Description - MCR18EZH

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01 ROHM-MCR01_1 Datasheet
81Kb / 6P
   Thick film rectangular
MCR10 ROHM-MCR10_1 Datasheet
83Kb / 6P
   Thick film rectangular
MCR18 ROHM-MCR18_1 Datasheet
85Kb / 6P
   Thick film rectangular
MCR006 ROHM-MCR006 Datasheet
62Kb / 5P
   Thick film rectangular
MCR10 ROHM-MCR10 Datasheet
98Kb / 5P
   Thick film rectangular
MCR01 ROHM-MCR01 Datasheet
93Kb / 6P
   Thick film rectangular
MCR18EZHJ000 ROHM-MCR18EZHJ000 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHF5102 ROHM-MCR10EZHF5102 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHJ115 ROHM-MCR18EZHJ115 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHJ680 ROHM-MCR10EZHJ680 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHF1501 ROHM-MCR18EZHF1501 Datasheet
108Kb / 6P
   Thick film rectangular
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com