Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6373GW Datasheet(PDF) 7 Page - Rohm

Part # BD6373GW
Description  6-Channel System Lens Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6373GW Datasheet(HTML) 7 Page - Rohm

Back Button BD6373GW Datasheet HTML 3Page - Rohm BD6373GW Datasheet HTML 4Page - Rohm BD6373GW Datasheet HTML 5Page - Rohm BD6373GW Datasheet HTML 6Page - Rohm BD6373GW Datasheet HTML 7Page - Rohm BD6373GW Datasheet HTML 8Page - Rohm BD6373GW Datasheet HTML 9Page - Rohm BD6373GW Datasheet HTML 10Page - Rohm BD6373GW Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/12
TSZ02201-0H3H0B601370-1-1
© 2015 ROHM Co., Ltd. All rights reserved.
09.Dec.2015 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD6373GW
Power Dissipation
Figure 3.
Power Dissipation vs Ambient Temperature
I/O Equivalent Circuits
ENABLE12, ENABLE34,
INPUT1 to INPUT6,
BRAKE5, BRAKE6
VMx, PGNDx, OUTxA, OUTxB
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Ambient Temperature : Ta [°C]
0.94W
0.48W
85°C
PGNDx
OUTxA
VMx
OUTxB
VCC
10k
Ω
VCC
140k
Ω
100k
Ω


Similar Part No. - BD6373GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6373GW ROHM-BD6373GW Datasheet
479Kb / 18P
   6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
More results

Similar Description - BD6373GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6753KV ROHM-BD6753KV_15 Datasheet
1Mb / 20P
   6-Channel System Lens Driver
BD6758MWV ROHM-BD6758MWV_15 Datasheet
1Mb / 20P
   5-Channel System Lens Driver
BD6370GUL ROHM-BD6370GUL_15 Datasheet
4Mb / 36P
   5-Channel System Lens Driver
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com