Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8226EFV-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD8226EFV-E2
Description  4ch System Motor Driver For Car Audio
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8226EFV-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD8226EFV-E2 Datasheet HTML 3Page - Rohm BD8226EFV-E2 Datasheet HTML 4Page - Rohm BD8226EFV-E2 Datasheet HTML 5Page - Rohm BD8226EFV-E2 Datasheet HTML 6Page - Rohm BD8226EFV-E2 Datasheet HTML 7Page - Rohm BD8226EFV-E2 Datasheet HTML 8Page - Rohm BD8226EFV-E2 Datasheet HTML 9Page - Rohm BD8226EFV-E2 Datasheet HTML 10Page - Rohm BD8226EFV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/16
Datasheet
Datasheet
BD8226EFV
TSZ02201-0G1G0C600020-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
3.JUL.2013 Rev.002
www.rohm.com
TSZ22111・15・001
Typical Application Circuit
Figure 7. Typical Application Circuit
Channel Example
CH1
SPINDLE
CH2
SLED/LOADING
CH3
TRACKING
CH4
FOCUS
External Part List
Component Name
Component Value
Product Name
Manufacturer
C1
10
μF
YK25V Series
Rubycon
Q1
Rank Q
2SB1188
Rohm
R1
33kΩ
MCR03 Series
Rohm
R2
11kΩ
MCR03 Series
Rohm
TRACKING IN FOCUS IN
SLED IN LOADING IN
SPINDLE IN
MUTE
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
M
M
SPINDLE
Back exposed to dissipate heat on board
IN1
CNT
IN 2-1
IN2-2
BIAS
IN3
IN4
MUTE
PREGND
REG(+)
REG-B
PREVCC
POWVCC1
POWGND1
VO1(-)
VO1 (+)
VO2(-)
VO2 (+)
VO3(-)
VO3 (+)
VO4(-)
VO4 (+)
POWGND2
POWVCC2
SLED / LOADING
Control
SLED / LOADING
TRACKING
FOCUS
CH1
CH2
CH3
CH4
POWERGND
POWERGND
POWERGND
POWERGND
POWERGND
PREGND
REGOUT
PREGND
PREGND
R1
R2
C1
Q1


Similar Part No. - BD8226EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8226EFV ROHM-BD8226EFV Datasheet
136Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD8226EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M_16 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD8271EFV ROHM-BD8271EFV Datasheet
857Kb / 25P
   3ch System Motor Driver For Car Audio
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
BD6640KVT ROHM-BD6640KVT Datasheet
318Kb / 6P
   4ch Sensorless System Motor Driver for MD
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
   4ch System Motor Driver IC
BD6640KUT ROHM-BD6640KUT Datasheet
306Kb / 6P
   4ch Sensorless System Motor Driver for MD
BD8205EFV-M ROHM-BD8205EFV-M Datasheet
1Mb / 23P
   5ch System Motor Driver for Car AV
BD6641KUT ROHM-BD6641KUT Datasheet
222Kb / 6P
   4ch PWM Sensorless System Motor Driver for MD
BD6643KN ROHM-BD6643KN Datasheet
316Kb / 6P
   4ch PWM Sensorless System Motor Driver for MD
BD8255MUV-M ROHM-BD8255MUV-M_16 Datasheet
3Mb / 45P
   6ch System Motor Driver For Car AV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com