Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8229EFV-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD8229EFV-E2
Description  4ch System Motor Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8229EFV-E2 Datasheet(HTML) 3 Page - Rohm

  BD8229EFV-E2 Datasheet HTML 1Page - Rohm BD8229EFV-E2 Datasheet HTML 2Page - Rohm BD8229EFV-E2 Datasheet HTML 3Page - Rohm BD8229EFV-E2 Datasheet HTML 4Page - Rohm BD8229EFV-E2 Datasheet HTML 5Page - Rohm BD8229EFV-E2 Datasheet HTML 6Page - Rohm BD8229EFV-E2 Datasheet HTML 7Page - Rohm BD8229EFV-E2 Datasheet HTML 8Page - Rohm BD8229EFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BD8229EFV
3/13
TSZ02201-0H5H0BK01510-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Power Supply Voltage
VPREVCC,VPOWVCC1,VPOWVCC2
15
V
Input Terminal Voltage 1
VIN1 (Note 1)
VPREVCC
V
Input Terminal Voltage 2
VIN2 (Note 2)
VPOWVCC2
V
Power Dissipation
Pd
1.1 (Note 3)
W
4.0 (Note 4)
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +150
°C
Junction Temperature
Tjmax
+150
°C
(Note 1) IN1 Application terminal : IN1, CNT, IN2-1, IN2-2, BIAS, IN3, IN4, MUTE
(Note 2) IN2 Application terminal : RSTDET
(Note 3) 70mm x 70mm x 1.6mm, 1 layer substrate, (copper foil 0mm x 0mm).
Reduce power dissipation capability by 8.8mW for each degree above 25°C.
(Note 4) 70mm x 70mm x 1.6mm, 4 layer substrate, (copper foil 70mm x 70mm)
Reduce power dissipation capability by 32.0mW for each degree above 25°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
MIN
TYP
MAX
PRE Part Power Supply (Note 1)
VPREVCC
4.5
8
14
V
DC Motor System Power Supply (Note 1)
VPOWVCC1
4.5
8
VPREVCC
V
Actuator System Power Supply (Note 1)
VPOWVCC2
4.5
8
VPREVCC
V
(Note 1) Take into consideration the allowable power dissipation when setting the power supply voltage.
Electrical Characteristics
(Unless otherwise noted, Ta=25°C, VPREVCC=VPOWVCC1=VPOWVCC2=8V, VBIAS=1.65V, RL
=8Ω)
Parameter
Symbol
Limit
Unit
Conditions
MIN
TYP
MAX
Quiescent Dissipation Current
IQ
30
45
mA
At no-load
< Driver >
Output Offset Voltage
(CH1,2)
VOOF 12
-100
0
+100
mV
Output Offset Voltage
(CH3,4)
VOOF 34
-50
0
+50
mV
Maximum Output Amplitude
(CH1,2)
VOM 12
5.4
6.0
V
Maximum Output Amplitude
(CH3,4)
VOM 34
4.7
5.3
V
Closed Circuit Voltage Gain
(CH1,2)
GV 12
24.0
25.7
27.4
dB
Closed Circuit Voltage Gain
(CH3,4)
GV 34
15.5
17.5
19.5
dB
MUTE Terminal Low Level Input Voltage
VML
0.5
V
MUTE Terminal High Level Input Voltage
VMH
2.0
V
CNT Terminal Low Level Input Voltage
VCNTL
0.5
V
CNT Terminal High Level Input Voltage
VCNTH
2.0
V
LDIN Terminal Voltage
(SLED input)
VLDIN
0.1
0.3
V
CNT=’L’
Internal Bias Voltage
VBIN
1.53
1.65
1.77
V
CNT=’H’
< Reset >
Reset Release Voltage
VDET
1.19
1.25
1.31
V
Hysteresis Voltage
VHYS
5
25
55
mV
Detection Terminal Outflow Current
ICMP
50
150
nA
RSTOUT Output Low Voltage
VRSTOUT
0.1
0.3
V
3.3V pull-up (
10kΩ)


Similar Part No. - BD8229EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8229EFV-E2 ROHM-BD8229EFV-E2 Datasheet
490Kb / 12P
   4ch System Motor Driver IC
More results

Similar Description - BD8229EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
BD8266EFV-M ROHM-BD8266EFV-M_16 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD6640KVT ROHM-BD6640KVT Datasheet
318Kb / 6P
   4ch Sensorless System Motor Driver for MD
BD8226EFV ROHM-BD8226EFV_13 Datasheet
920Kb / 20P
   4ch System Motor Driver For Car Audio
BD6640KUT ROHM-BD6640KUT Datasheet
306Kb / 6P
   4ch Sensorless System Motor Driver for MD
BD6641KUT ROHM-BD6641KUT Datasheet
222Kb / 6P
   4ch PWM Sensorless System Motor Driver for MD
BD6643KN ROHM-BD6643KN Datasheet
316Kb / 6P
   4ch PWM Sensorless System Motor Driver for MD
logo
Princeton Technology Co...
PT5115 PTC-PT5115 Datasheet
205Kb / 3P
   4CH DSC Motor Driver
logo
KODENSHI_AUK CORP.
S3045 KODENSHI-S3045 Datasheet
537Kb / 14P
   4CH BTL Motor Drive IC
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com