Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD65499MUV Datasheet(PDF) 10 Page - Rohm

Part # BD65499MUV
Description  1-2ch Lens Drivers for SLRs (Single-lens Reflex)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD65499MUV Datasheet(HTML) 10 Page - Rohm

Back Button BD65499MUV Datasheet HTML 6Page - Rohm BD65499MUV Datasheet HTML 7Page - Rohm BD65499MUV Datasheet HTML 8Page - Rohm BD65499MUV Datasheet HTML 9Page - Rohm BD65499MUV Datasheet HTML 10Page - Rohm BD65499MUV Datasheet HTML 11Page - Rohm BD65499MUV Datasheet HTML 12Page - Rohm BD65499MUV Datasheet HTML 13Page - Rohm BD65499MUV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Datasheet
Datasheet
10/22
TSZ02201-0H3H0B600320-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3.AUG.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BD65499MUV
(2) Logic output setting, STATE terminal output voltage
(3) Selection of the internal output signal of STATE terminal
* “&” means AND logic. “|” means OR logic.
(4) STATE terminal output voltage setting
* At the time of the falling edge of STATE terminal, it does latch the first changing signal from 1 to 0 in S_POWERGOOD, S_UVLOVCC2, S_TSD, S_(cl |
CLCANCEL) and other signals are hold as 1.
* At the time of a change VPSET[3:0] , it ignore the falling edge of the STATE terminal.
LSET
STATE terminal output
0
0 / 1.8V output
1
0 / VCC output
STATESEL
=3’d
Signal name
Function
0
ic & Power Good & uvlovcc2
& tsd& (cl | CLCANCEL)
ic, Power Good, UVLOVCC2, TSD, (cl | CLCANCEL) .If any one of
those signals is “0”(stand-by or abnormal condition) outputs Lo.
1
S_POWERGOOD &
S_UVLOVCC2 & S_TSD &
S_(cl | CLCANCEL)
S_ POWERGOOD, S_UVLOVCC2, S_TSD, S_(cl | CLCANCEL) If any
one of those signals is “0”(stand-by or abnormal condition) outputs Lo.
2
ic
Normal circuit condition signal (In stand-by mode, it outputs Lo signal)
3
S_POWERGOOD
Power Good signal for the latch (Original signal is Power Good)
4
S_UVLOVCC2
VCCUVLO2 signal for the latch (Original signal is uvlovcc2)
(In UVLO active mode, it outputs Lo signal)
5
-
-
6
S_TSD
Thermal shut down signal for the latch (Original signal is TSD)
(In Thermal shutdown condition, it outputs Lo signal)
7
S_(cl | CLCANCEL)
Current limit signal for the latch (Original signal is (cl | CLCANCEL)
Mode
PS
terminal
STATESET
S_POWER
GOOD &
S_UVLOVC
C2 &
S_TSD &
S_(cl |
CLCANCEL)
S_POWER
GOOD
S_UVLOVC
C2
S_TSD
S_(cl |
CLCANCEL)
STATESEL=3’
d1
STATESEL=3’
d3
STATESEL=3’
d4
STATESEL=3’
d6
STATESEL=3’
d7
Stand-by mode
L
0
L
(reset)
L
(reset)
L
(reset)
L
(reset)
L
(reset)
VCC < VUVLO1VCC
condition
H
0
L
(reset)
L
(reset)
L
(reset)
L
(reset)
L
(reset)
Circuit start up and the
voltage boost start
H
(after ic=1)
0
L
L
H
H
H
Condition that the
voltage boost complete
H
0
L→H
L→H
H
H
H
In the condition of
Boost voltage<(setting
70%)
H
0
H→L
(latch)
H→L
(latch)
H
(fix)
H
(fix)
H
(fix)
In the case of
VUVLO1VCC < VCC <
VUVLO2VCC
H
0
H→L
(latch)
H
(fix)
H→L
(latch)
H
(fix)
H
(fix)
In the case of TSD
H
0
H→L
(latch)
H
(fix)
H
(fix)
H→L
(latch)
H
(fix)
In the case of
CLCANCEL=1’b0 and
Current limit condition
H
0
H→L
(latch)
H
(fix)
H
(fix)
H
(fix)
H→L
(latch)
In the condition of
STATESET=1’b1
H
1
H
(set)
H
(set)
H
(set)
H
(set)
H
(set)


Similar Part No. - BD65499MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65491FV ROHM-BD65491FV Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD65491FV ROHM-BD65491FV Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV-E2 ROHM-BD65491FV-E2 Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD65491FV-E2 ROHM-BD65491FV-E2 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV ROHM-BD65491FV_15 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
More results

Similar Description - BD65499MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6376GUL ROHM-BD6376GUL Datasheet
619Kb / 14P
   1-2ch Lens Drivers for SLRs(Single-lens Reflex)
BD65491FV ROHM-BD65491FV Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD6735FV ROHM-BD6735FV_09 Datasheet
356Kb / 9P
   1 to 2ch Lens Drivers for Single-Lens Reflex Cameras
BD6373GW ROHM-BD6373GW Datasheet
479Kb / 18P
   6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
logo
Shenzhen Huazhimei Semi...
HM8837 HMSEMI-HM8837 Datasheet
572Kb / 9P
   Digital single lens reflex (DSLR) lens
logo
Rohm
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
logo
Gilway Technical Lamp
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
logo
Rohm
BD6883GUL ROHM-BD6883GUL_12 Datasheet
356Kb / 17P
   System Lens Driver Series for Mobile Phone Cameras Parallel Interface Type Lens Drivers for Voice Coil Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com