Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD65499MUV-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD65499MUV-E2
Description  1-2ch Lens Drivers for SLRs (Single-lens Reflex)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD65499MUV-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD65499MUV-E2 Datasheet HTML 3Page - Rohm BD65499MUV-E2 Datasheet HTML 4Page - Rohm BD65499MUV-E2 Datasheet HTML 5Page - Rohm BD65499MUV-E2 Datasheet HTML 6Page - Rohm BD65499MUV-E2 Datasheet HTML 7Page - Rohm BD65499MUV-E2 Datasheet HTML 8Page - Rohm BD65499MUV-E2 Datasheet HTML 9Page - Rohm BD65499MUV-E2 Datasheet HTML 10Page - Rohm BD65499MUV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Datasheet
Datasheet
7/22
TSZ02201-0H3H0B600320-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3.AUG.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BD65499MUV
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
-50
-25
0
255075
100
Ambient temperature : Ta [°C]
600
650
700
750
800
850
900
-50
-25
0
25
50
75
100
Ambient temperature : Ta [°C]
0.0
0.1
0.2
0.3
0.4
0.5
0
6
12
18
24
30
Supply voltage : VP [V]
0.0
0.1
0.2
0.3
0.4
0.5
0
6
12
18
24
30
Supply voltage : VP [V]
Figure 7. H-bridge output High-side ON resistance
(VP dependency, VCC=3.3V)
Figure 8. H-bridge output Low-side ON resistance
(VP dependency, VCC=3.3V)
Top
85°C
Mid
25°C
Low -30°C
Operating range
(4V~27V)
Operating range
(4V~27V)
Top
85°C
Mid
25°C
Low -30°C
Figure 9. DC/DC switching frequency
(Temperature dependency)
Figure 10. Error amplifier threshold voltage
(Temperature dependency)


Similar Part No. - BD65499MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65491FV ROHM-BD65491FV Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD65491FV ROHM-BD65491FV Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV-E2 ROHM-BD65491FV-E2 Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD65491FV-E2 ROHM-BD65491FV-E2 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV ROHM-BD65491FV_15 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
More results

Similar Description - BD65499MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6376GUL ROHM-BD6376GUL Datasheet
619Kb / 14P
   1-2ch Lens Drivers for SLRs(Single-lens Reflex)
BD65491FV ROHM-BD65491FV Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD6735FV ROHM-BD6735FV_09 Datasheet
356Kb / 9P
   1 to 2ch Lens Drivers for Single-Lens Reflex Cameras
BD6373GW ROHM-BD6373GW Datasheet
479Kb / 18P
   6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
logo
Shenzhen Huazhimei Semi...
HM8837 HMSEMI-HM8837 Datasheet
572Kb / 9P
   Digital single lens reflex (DSLR) lens
logo
Rohm
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
logo
Gilway Technical Lamp
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
logo
Rohm
BD6883GUL ROHM-BD6883GUL_12 Datasheet
356Kb / 17P
   System Lens Driver Series for Mobile Phone Cameras Parallel Interface Type Lens Drivers for Voice Coil Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com