Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM67220FV-CE2 Datasheet(PDF) 9 Page - Rohm

Part # BM67220FV-CE2
Description  High Speed Digital Isolator 2500 Vrms 2ch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM67220FV-CE2 Datasheet(HTML) 9 Page - Rohm

Back Button BM67220FV-CE2 Datasheet HTML 5Page - Rohm BM67220FV-CE2 Datasheet HTML 6Page - Rohm BM67220FV-CE2 Datasheet HTML 7Page - Rohm BM67220FV-CE2 Datasheet HTML 8Page - Rohm BM67220FV-CE2 Datasheet HTML 9Page - Rohm BM67220FV-CE2 Datasheet HTML 10Page - Rohm BM67220FV-CE2 Datasheet HTML 11Page - Rohm BM67220FV-CE2 Datasheet HTML 12Page - Rohm BM67220FV-CE2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9/24
BM67220FV-C
TSZ02201-0727ABG00010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
25.Dec.2015 Rev.005
http://www.rohm.co.jp
TSZ22111・15・001
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
BM67220FV-C
Power Supply Voltage 1
VCC1
7.0(Note 1)
V
Power Supply Voltage 2
VCC2
7.0(Note 2)
V
IN1 Pin Voltage
VIN1
-0.3 to +7.0(Note 1)
V
IN2 Pin Voltage
VIN2
-0.3 to +7.0(Note 1)
V
OUT1 Pin Voltage
VOUT1
-0.3 to +7.0(Note 2)
V
OUT2 Pin Voltage
VOUT2
-0.3 to +7.0(Note 2)
V
Output Current
IOMAX(OUT)
±10(Note 3)
mA
GND1-GND2 Ground Potential
VGND
2500
Vrms
Operating Temperature Range
Topr
-40 to +125
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Power Dissipation
Pd
1.19(Note 4)
W
Maximum Junction
Temperature
Tjmax
150
°C
(Note 1) Reference to GND1.
(Note 2) Reference to GND2.
(Note 3) Should not exceed Pd and ASO.
(Note 4) Derate by 9.52mW/°C when operating above Ta=25°C
, when mounted on a glass epoxy board measuring 70 mm  70 mm  1.6 mm (including a
copper foil area of 3% or less).
Caution: Operating the IC over the absolute maximum ratings may damage the IC. In addition, it is impossible to predict all destructive situations such as
short-circuit modes, open circuit modes, etc. Therefore, it is important to consider circuit protection measures, like adding a fuse, in case the IC is operated in a
special mode exceeding the absolute maximum ratings
Recommended Operating Conditions
Parameter
Symbol
BM67220FV-C
Unit
Power Supply Voltage 1
VCC1
4.5 to 5.5(Note 5)
V
Power Supply Voltage 2
VCC2
4.5 to 5.5(Note 6)
V
(Note 5) Relative to GND1
(Note 6) Relative to GND2
Insulation Related Characteristics
Parameter
Symbol
Characteristic
Unit
Insulation Resistance (VIO=500V)
RS
>109
Ω
Insulation Withstand Voltage/1Min
VISO
2500
Vrms
Insulation Test Voltage/1s
VISO
3000
Vrms
UL1577 Ratings Table
Following values are described in UL Report.
Parameter
Values
Units
Conditions
Side 1 Circuit Current
0.21
mA
VCC1=5V
Side 2 Circuit Current
0.21
mA
VCC2=5V
Side 1 Consumption Power
1.05
mW
VCC1=5V
Side 2 Consumption Power
1.05
mW
VCC2=5V
Isolation Voltage
2500
Vrms
Maximum Operating (Ambient) Temperature
125
Maximum Junction Temperature
150
Maximum Strage Temperature
150
Maximum Data Transmission Rate
20
MHz


Similar Part No. - BM67220FV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
BM67221FV-CE2 ROHM-BM67221FV-CE2 Datasheet
2Mb / 28P
   High Speed Digital Isolator
BM67221FV-E2 ROHM-BM67221FV-E2 Datasheet
2Mb / 28P
   High Speed Digital Isolator
More results

Similar Description - BM67220FV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM67421FV-C ROHM-BM67421FV-C Datasheet
1Mb / 24P
   Isolation voltage 2500Vrms Bi-direction 2ch High Speed Digital Isolator
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
   High Speed Dual Digital Isolator
logo
ON Semiconductor
NCID9301 ONSEMI-NCID9301 Datasheet
286Kb / 16P
   High Speed 3-Channel Digital Isolator
January, 2022 - Rev. 0
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
logo
M/A-COM Technology Solu...
MAFR-000161-5S3S1T MA-COM-MAFR-000161-5S3S1T Datasheet
88Kb / 2P
   Isolator 2500-2700 MHz
MAFR-000247-000001 MA-COM-MAFR-000247-000001 Datasheet
88Kb / 2P
   Isolator 2300-2500 MHz
logo
ON Semiconductor
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
   High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com