Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21078FV-E2 Datasheet(PDF) 5 Page - Rohm

Part # BU21078FV-E2
Description  Capacitive Switch Controller ICs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21078FV-E2 Datasheet(HTML) 5 Page - Rohm

  BU21078FV-E2 Datasheet HTML 1Page - Rohm BU21078FV-E2 Datasheet HTML 2Page - Rohm BU21078FV-E2 Datasheet HTML 3Page - Rohm BU21078FV-E2 Datasheet HTML 4Page - Rohm BU21078FV-E2 Datasheet HTML 5Page - Rohm BU21078FV-E2 Datasheet HTML 6Page - Rohm BU21078FV-E2 Datasheet HTML 7Page - Rohm BU21078FV-E2 Datasheet HTML 8Page - Rohm BU21078FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5/36
BU21072MUV / BU21078MUV / BU21078FV
TSZ02201-0L5L0F300640-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
14.Jul.2016 Rev.004
Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Rating
Unit
Power supply voltage
VDD
-0.5 to 7.0
V
Input voltage
VIN
-0.5 to VDD + 0.3
V
Storage temperature range
Tstg
-55 to 125
°C
Power dissipation
BU21072MUV
Pd
272
*1
mW
BU21078MUV
304
*2
BU21078FV
640
*3
Maximum junction temperature
Tjmax
125
°C
*1
Derated by 2.72mW/°C over 25°C. (IC only).
*2
Derated by 3.04mW/°C over 25°C. (IC only).
*3
Derated by 6.4mW/°C over 25°C. (IC only).
Recommended Operating Ratings
Parameter
Symbol
Rating
Unit
Power supply voltage
VDD
3.0 to 5.5
V
Operating temperature range
Topr
-20 to 85
°C
Electrical Characteristics (Ta = 25°C , VDD = 3.3V , VSS = 0V)
Parameter
Symbol
Rating
Unit
Condition
Min.
Typ.
Max.
Input High voltage
VIH
VDD x 0.7
-
VDD + 0.3
V
Input Low voltage
VIL
VSS - 0.3
-
VDD x 0.3
V
Output High voltage
VOH
VDD - 0.5
-
VDD
V
IOH = -4mA
Output Low voltage
VOL
VSS
-
VSS + 0.5
V
IOL = 4mA
Oscillator clock frequency
fOSC
45
50
55
MHz
DVDD LDO output voltage
VDVDD
1.35
1.50
1.65
V
AVDD LDO output voltage
VAVDD
2.63
2.73
2.83
V
Power-on-reset release voltage
2.25
-
2.55
V
Power-on-reset detect voltage
2.10
-
2.40
V
Operating current
IDD
-
3.5
-
mA
Without load of sensors.


Similar Part No. - BU21078FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21078MUV ROHM-BU21078MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21078MUV-E2 ROHM-BU21078MUV-E2 Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
More results

Similar Description - BU21078FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Omron Electronics LLC
B6TS-04LT OMRON-B6TS-04LT Datasheet
210Kb / 6P
   Capacitive Touch Sensing ICs
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
logo
Schurter Inc.
CPS SCHURTER-CPS Datasheet
809Kb / 8P
   Capacitive switch
CPS SCHURTER-CPS_V02 Datasheet
747Kb / 7P
   Capacitive switch
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com