Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU24032GW Datasheet(PDF) 7 Page - Rohm

Part # BU24032GW
Description  u - step System Lens Driver for Digital Still Cameras
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU24032GW Datasheet(HTML) 7 Page - Rohm

Back Button BU24032GW Datasheet HTML 3Page - Rohm BU24032GW Datasheet HTML 4Page - Rohm BU24032GW Datasheet HTML 5Page - Rohm BU24032GW Datasheet HTML 6Page - Rohm BU24032GW Datasheet HTML 7Page - Rohm BU24032GW Datasheet HTML 8Page - Rohm BU24032GW Datasheet HTML 9Page - Rohm BU24032GW Datasheet HTML 10Page - Rohm BU24032GW Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Datasheet
Datasheet
7/19
TSZ02201-0M2M0BC12060-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Apr.2013 Rev.002
www.rohm.com
TSZ22111・15・001
BU24032GW
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limit
Unit
Remark
DVDD
-0.3 to +4.5
V
Power Supply Voltage
MVCC
-0.3 to +7.0
V
MVCC12, MVCC345,
VDDAMP
Input Voltage
VIN
-0.3 to supply voltage+0.3
V
±500
mA
MVCC12, MVCC345, RNF6
Input / output Current
*1
IIN
+50
mA
by PIOUT pin
Storage Temperature Range
TSTG
-55 to +125
Operating Temperature Range
TOPE
-20 to +85
Permissible Dissipation
*2
PD
800
mW
*1
Must not exceed PD.
*2
To use at a temperature higher than Ta=25
°C, derate 8mW per 1 °C
(At mounting 50mm x 58mm x 1.75mm glass epoxy board.)
●Recommended Operating Rating (Ta=25℃)
Parameter
Symbol
Limit
Unit
Remark
Digital Power Supply Voltage
DVDD
2.7 to 3.6
V
DVDD≦MVCC
Driver Power Supply Voltage
MVCC
2.7 to 5.5
V
MVCC12, MVCC345,
VDDAMP
Clock Operating Frequency
FCLK
1 to 28
MHz
Reference clock


Similar Part No. - BU24032GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BU24031GW-E2 ROHM-BU24031GW-E2 Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW Datasheet
159Kb / 4P
   Silicon monolithic integrated circuit
BU24033GW ROHM-BU24033GW Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW-E2 ROHM-BU24033GW-E2 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
More results

Similar Description - BU24032GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com