Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU64241GWZ-E2 Datasheet(PDF) 6 Page - Rohm

Part # BU64241GWZ-E2
Description  Linear Constant Current VCM Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU64241GWZ-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BU64241GWZ-E2 Datasheet HTML 2Page - Rohm BU64241GWZ-E2 Datasheet HTML 3Page - Rohm BU64241GWZ-E2 Datasheet HTML 4Page - Rohm BU64241GWZ-E2 Datasheet HTML 5Page - Rohm BU64241GWZ-E2 Datasheet HTML 6Page - Rohm BU64241GWZ-E2 Datasheet HTML 7Page - Rohm BU64241GWZ-E2 Datasheet HTML 8Page - Rohm BU64241GWZ-E2 Datasheet HTML 9Page - Rohm BU64241GWZ-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Datasheet
Datasheet
6/20
BU64241GWZ
© 2012 ROHM Co., Ltd. All rights reserved.
01. Jul. 2013 Rev.004
www.rohm.com
TSZ22111・15・001
TSZ02201-0H2H0B600460-1-2
30
50
70
90
110
130
150
170
020
40
60
80
Time (ms)
Figure 6. Displacement vs. settling time (slew_rate = 00b)
Figure 7. Displacement vs. settling time (slew_rate = 01b)
Figure 8. Displacement vs. settling time (slew_rate = 10b)
Figure 9. Displacement vs. settling time (slew_rate = 11b)
30
50
70
90
110
130
150
170
020
40
60
80
Time (ms)
30
50
70
90
110
130
150
170
020
40
60
80
Time(ms)
30
50
70
90
110
130
150
170
020
40
60
80
Time (ms)
Direct
ISRC (slew_rate = 00b)
Direct
Direct
Direct
ISRC (slew_rate = 01b)
ISRC (slew_rate = 10b)
ISRC (slew_rate = 11b)
VCC = 3.0 V
Ta = + 25 ℃
VCC = 3.0 V
Ta = + 25 ℃
VCC = 3.0 V
Ta = + 25 ℃
VCC = 3.0 V
Ta = + 25 ℃


Similar Part No. - BU64241GWZ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64240GWZ ROHM-BU64240GWZ Datasheet
146Kb / 6P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BU64241GWZ-E2

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
   Linear Constant - Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
   Linear Constant - Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
   Linear Dimmable Constant Current LED Driver
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
   Linear Dimmable Constant Current LED Driver
MT7651L MAXIC-MT7651L Datasheet
80Kb / 1P
   Linear Dimmable Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
Supertex, Inc
CL525 SUTEX-CL525 Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
logo
Maxic Technology Corpor...
MT7652L MAXIC-MT7652L Datasheet
79Kb / 1P
   Linear Dimmable Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7164 HMSEMI-HM7164 Datasheet
515Kb / 6P
   Segmented linear constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com