Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP030N10N5 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IPP030N10N5
Description  OptiMOS짧5 Power-Transistor, 100 V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP030N10N5 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IPP030N10N5_16 Datasheet HTML 3Page - Infineon Technologies AG IPP030N10N5_16 Datasheet HTML 4Page - Infineon Technologies AG IPP030N10N5_16 Datasheet HTML 5Page - Infineon Technologies AG IPP030N10N5_16 Datasheet HTML 6Page - Infineon Technologies AG IPP030N10N5_16 Datasheet HTML 7Page - Infineon Technologies AG IPP030N10N5_16 Datasheet HTML 8Page - Infineon Technologies AG IPP030N10N5_16 Datasheet HTML 9Page - Infineon Technologies AG IPP030N10N5_16 Datasheet HTML 10Page - Infineon Technologies AG IPP030N10N5_16 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
OptiMOSª5Power-Transistor,100V
IPP030N10N5
Rev.2.2,2016-07-22
Final Data Sheet
Diagram9:Drain-sourceon-stateresistance
Tj[°C]
-60
-20
20
60
100
140
180
0
1
2
3
4
5
6
7
max
typ
RDS(on)=f(Tj);ID=100A;VGS=10V
Diagram10:Typ.gatethresholdvoltage
Tj[°C]
-60
-20
20
60
100
140
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1840 µA
184 µA
VGS(th)=f(Tj);VGS=VDS;parameter:ID
Diagram11:Typ.capacitances
VDS[V]
0
20
40
60
80
101
102
103
104
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Diagram12:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
2.0
2.5
100
101
102
103
25 °C
175 °C
25 °C, max
175 °C, max
IF=f(VSD);parameter:Tj


Similar Part No. - IPP030N10N5_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP030N10N5 INFINEON-IPP030N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-01-30
logo
Inchange Semiconductor ...
IPP030N10N5 ISC-IPP030N10N5 Datasheet
337Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPP030N10N5_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP039N10N5 INFINEON-IPP039N10N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 100 V
Rev.2.0,2016-11-22
IPB073N15N5 INFINEON-IPB073N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-17
IPB060N15N5 INFINEON-IPB060N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-12-13
IPB044N15N5 INFINEON-IPB044N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
2016-04-06
IPP076N15N5 INFINEON-IPP076N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-03
BSZ070N08LS5 INFINEON-BSZ070N08LS5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 80 V
Rev.2.2,2016-08-18
IPI051N15N5 INFINEON-IPI051N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-01
IPB048N15N5 INFINEON-IPB048N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-05
IPP051N15N5 INFINEON-IPP051N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-01
IPI076N15N5 INFINEON-IPI076N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com