Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPU60R2K1CE Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPU60R2K1CE
Description  600V CoolMOS짧 CE Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU60R2K1CE Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPU60R2K1CE Datasheet HTML 1Page - Infineon Technologies AG IPU60R2K1CE Datasheet HTML 2Page - Infineon Technologies AG IPU60R2K1CE Datasheet HTML 3Page - Infineon Technologies AG IPU60R2K1CE Datasheet HTML 4Page - Infineon Technologies AG IPU60R2K1CE Datasheet HTML 5Page - Infineon Technologies AG IPU60R2K1CE Datasheet HTML 6Page - Infineon Technologies AG IPU60R2K1CE Datasheet HTML 7Page - Infineon Technologies AG IPU60R2K1CE Datasheet HTML 8Page - Infineon Technologies AG IPU60R2K1CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
600VCoolMOSªCEPowerTransistor
IPD60R2K1CE,IPU60R2K1CE
2016-03-31
Final Data Sheet
3Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
600
-
-
V
VGS=0V,ID=0.25mA
Gate threshold voltage
V(GS)th
2.5
3.0
3.5
V
VDS=VGS,ID=0.06mA
Zero gate voltage drain current
IDSS
-
-
-
10
1
-
µA
VDS=600,VGS=0V,Tj=25°C
VDS=600,VGS=0V,Tj=150°C
Gate-source leakage current
IGSS
-
-
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
1.80
4.68
2.10
-
VGS=10V,ID=0.76A,Tj=25°C
VGS=10V,ID=0.76A,Tj=150°C
Gate resistance
RG
-
12
-
f=1MHz,opendrain
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
-
140
-
pF
VGS=0V,VDS=100V,f=1MHz
Output capacitance
Coss
-
12
-
pF
VGS=0V,VDS=100V,f=1MHz
Effective output capacitance,
energy related
1)
Co(er)
-
8.5
-
pF
VGS=0V,VDS=0...480V
Effective output capacitance,
time related
2)
Co(tr)
-
30
-
pF
ID=constant,VGS=0V,VDS=0...480V
Turn-on delay time
td(on)
-
7
-
ns
VDD=400V,VGS=10V,ID=0.9A,
RG=12.2
Ω;seetable10
Rise time
tr
-
7
-
ns
VDD=400V,VGS=10V,ID=0.9A,
RG=12.2
Ω;seetable10
Turn-off delay time
td(off)
-
30
-
ns
VDD=400V,VGS=10V,ID=0.9A,
RG=12.2
Ω;seetable10
Fall time
tf
-
50
-
ns
VDD=400V,VGS=10V,ID=0.9A,
RG=12.2
Ω;seetable10
Table6Gatechargecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
0.8
-
nC
VDD=480V,ID=0.9A,VGS=0to10V
Gate to drain charge
Qgd
-
3.6
-
nC
VDD=480V,ID=0.9A,VGS=0to10V
Gate charge total
Qg
-
6.7
-
nC
VDD=480V,ID=0.9A,VGS=0to10V
Gate plateau voltage
Vplateau
-
5.4
-
V
VDD=480V,ID=0.9A,VGS=0to10V
1)Co(er)isafixedcapacitancethatgivesthesamestoredenergyasCosswhileVDSisrisingfrom0to80%Vo(BR)DSS
2)Co(tr)isafixedcapacitancethatgivesthesamestoredenergyasCosswhileVDSisrisingfrom0to80%Vo(BR)DSS


Similar Part No. - IPU60R2K1CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPU60R2K1CE INFINEON-IPU60R2K1CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPU60R2K1CE INFINEON-IPU60R2K1CE Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
logo
Inchange Semiconductor ...
IPU60R2K1CE ISC-IPU60R2K1CE Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPU60R2K1CE INFINEON-IPU60R2K1CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
More results

Similar Description - IPU60R2K1CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R1K5CE INFINEON-IPD60R1K5CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPA60R800CE INFINEON-IPA60R800CE_16 Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-08-08
IPA60R460CE INFINEON-IPA60R460CE_16 Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
IPA60R400CE INFINEON-IPA60R400CE_16 Datasheet
1Mb / 17P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
IPAW60R280CE INFINEON-IPAW60R280CE Datasheet
1,012Kb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPN60R1K0CE INFINEON-IPN60R1K0CE Datasheet
1Mb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
IPS60R800CE INFINEON-IPS60R800CE Datasheet
948Kb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-26
IPAW60R600CE INFINEON-IPAW60R600CE Datasheet
985Kb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPU60R2K1CE INFINEON-IPU60R2K1CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPU60R1K5CE INFINEON-IPU60R1K5CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com