Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPU60R1K5CE Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPU60R1K5CE
Description  600V CoolMOS짧 CE Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU60R1K5CE Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPU60R1K5CE Datasheet HTML 6Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 7Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 8Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 9Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 10Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 11Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 12Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 13Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
600VCoolMOSªCEPowerTransistor
IPD60R1K5CE,IPU60R1K5CE
2016-03-31
Final Data Sheet
6PackageOutlines
2.0
ISSUE DATE
EUROPEAN PROJECTION
0
4mm
2.0
SCALE
0
REVISION
01-09-2015
05
DOCUMENT NO.
Z8B00003328
*) mold flash not included
MILLIMETERS
4.57 (BSC)
2.29 (BSC)
L4
D
N
H
E1
e1
e
E
D1
L3
1.18
0.51
0.90
5.02
9.40
6.40
4.70
5.97
3
b3
A
DIM
b2
c
b
c2
A1
5.00
MIN
2.16
0.64
0.46
0.65
0.46
0.00
0.046
0.020
0.035
0.198
0.252
0.185
0.235
0.370
1.70
1.00
5.60
5.84
6.22
6.73
1.25
10.48
0.180 (BSC)
0.090 (BSC)
3
0.067
0.220
0.039
0.230
0.265
0.049
0.245
0.413
0.197
0.085
0.025
0.018
0.026
0.018
0.000
5.50
MAX
2.41
0.15
1.15
0.60
0.89
0.98
INCHES
MIN
0.217
MAX
0.006
0.095
0.035
0.024
0.045
0.039
L
F6
F1
F2
F3
F4
F5
1.20
6.40
10.60
2.20
5.80
5.76
0.417
0.252
0.087
0.228
0.227
0.047
Figure1OutlinePG-TO252,dimensionsinmm/inches


Similar Part No. - IPU60R1K5CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPU60R1K5CE INFINEON-IPU60R1K5CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPU60R1K5CE INFINEON-IPU60R1K5CE Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
logo
Inchange Semiconductor ...
IPU60R1K5CE ISC-IPU60R1K5CE Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPU60R1K5CE INFINEON-IPU60R1K5CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
More results

Similar Description - IPU60R1K5CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R2K1CE INFINEON-IPD60R2K1CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPA60R800CE INFINEON-IPA60R800CE_16 Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-08-08
IPA60R460CE INFINEON-IPA60R460CE_16 Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
IPA60R400CE INFINEON-IPA60R400CE_16 Datasheet
1Mb / 17P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
IPAW60R280CE INFINEON-IPAW60R280CE Datasheet
1,012Kb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPN60R1K0CE INFINEON-IPN60R1K0CE Datasheet
1Mb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
IPS60R800CE INFINEON-IPS60R800CE Datasheet
948Kb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-26
IPAW60R600CE INFINEON-IPAW60R600CE Datasheet
985Kb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPU60R2K1CE INFINEON-IPU60R2K1CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPU60R1K5CE INFINEON-IPU60R1K5CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com