Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2592 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG2592
Description  Audio Jack Detector with Send / End Detect
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2592 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG2592 Datasheet HTML 4Page - Vishay Siliconix DG2592 Datasheet HTML 5Page - Vishay Siliconix DG2592 Datasheet HTML 6Page - Vishay Siliconix DG2592 Datasheet HTML 7Page - Vishay Siliconix DG2592 Datasheet HTML 8Page - Vishay Siliconix DG2592 Datasheet HTML 9Page - Vishay Siliconix DG2592 Datasheet HTML 10Page - Vishay Siliconix DG2592 Datasheet HTML 11Page - Vishay Siliconix DG2592 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DG2592
www.vishay.com
Vishay Siliconix
S15-2797-Rev. D, 30-Nov-15
8
Document Number: 62970
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
L_Detect Threshold Voltage vs. Temperature
GND_Detect Threshold Voltage vs. Temperature
S/E_Detect Threshold Voltage vs. Temperature
L_Detect to DET Propagation Delay vs. Temperature
GND_Detect to DET Propagation Delay vs. Temperature
S/E_Detect to S/E Propagation Delay vs. Temperature
1.2
1.25
1.3
1.35
1.4
1.45
1.5
1.55
1.6
-40
-20
0
20
40
60
80
100
Temperature (
°C)
V
DD = 1.8 V
V
IH
V
IL
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
-40
-20
0
20
40
60
80
100
Temperature (
°C)
V
DD = 1.8 V
V
IH
V
IL
1
1.05
1.1
1.15
1.2
1.25
1.3
-40
-20
0
20406080
100
Temperature (
°C)
V
DD2 = 2.1 V
S/E_REF = 1.05 V
V
IH
V
IL
50
100
150
200
250
300
350
400
-40
-20
0
20
40
60
80
100
Temperature (
°C)
V
DD = 1.8 V
R
DET = 1 MΩ, CDET = 15 pF
tPHL
tPLH
0
2
4
6
8
10
12
14
-40
-20
0
20406080
100
Temperature (
°C)
V
DD = 1.8 V
R
DET = 1 MΩ, CDET = 15 pF
DET falling
DET rising
60
80
100
120
140
160
180
200
-40
-20
0
20
40
60
80
100
Temperature (
°C)
V
DD2 = 2.1 V
R
S/E = 1 MΩ, CS/E = 15 pF
S/E falling
S/E rising


Similar Part No. - DG2592

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2592 VISHAY-DG2592 Datasheet
188Kb / 13P
   Audio Jack Detector with Send / End Detect
08-Feb-17
DG2592DN-T1-GE4 VISHAY-DG2592DN-T1-GE4 Datasheet
188Kb / 13P
   Audio Jack Detector with Send / End Detect
08-Feb-17
DG2592DN1-T1-GE4 VISHAY-DG2592DN1-T1-GE4 Datasheet
188Kb / 13P
   Audio Jack Detector with Send / End Detect
08-Feb-17
DG2592 VISHAY-DG2592_V01 Datasheet
188Kb / 13P
   Audio Jack Detector with Send / End Detect
08-Feb-17
More results

Similar Description - DG2592

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2592 VISHAY-DG2592_V01 Datasheet
188Kb / 13P
   Audio Jack Detector with Send / End Detect
08-Feb-17
logo
Fairchild Semiconductor
FSA8029 FAIRCHILD-FSA8029 Datasheet
478Kb / 3P
   Audio Jack Send / End Detection with MIC / Video Switch
FSA8009 FAIRCHILD-FSA8009 Datasheet
476Kb / 3P
   Audio Jack Send / End Detection with MIC / Video Switch
FSA8108 FAIRCHILD-FSA8108 Datasheet
753Kb / 5P
   Audio Jack Detection and Configuration Switch, Supports Volume Up/Down & Send/End Keys
logo
Diodes Incorporated
AZV5002 DIODES-AZV5002 Datasheet
1Mb / 15P
   Low Power Audio Jack Detector
logo
Dialog Semiconductor
DA7219 DIALOG-DA7219 Datasheet
2Mb / 123P
   Audio codec with Advanced Accessory Detect
logo
Renesas Technology Corp
DA7219 RENESAS-DA7219 Datasheet
1Mb / 129P
   Audio Codec with Advanced Accessory Detect
24-Dec-2021
logo
Maxim Integrated Produc...
MAX14627 MAXIM-MAX14627 Datasheet
2Mb / 16P
   Low-Power Headset Detectors with SEND/END Button Support
Rev 0; 5/12
logo
Vishay Siliconix
DG2591 VISHAY-DG2591 Datasheet
161Kb / 12P
   Audio Jack Detector and Pop Noise Control Switch
Rev. B, 13-Oct-14
logo
Sanyo Semicon Device
LA7205 SANYO-LA7205 Datasheet
126Kb / 1P
   VTR TAPE END DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com