Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2592DN-T1-GE4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2592DN-T1-GE4
Description  Audio Jack Detector with Send / End Detect
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2592DN-T1-GE4 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2592DN-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix DG2592DN-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix DG2592DN-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG2592DN-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG2592DN-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG2592DN-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG2592DN-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG2592DN-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG2592DN-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DG2592
www.vishay.com
Vishay Siliconix
S15-2797-Rev. D, 30-Nov-15
4
Document Number: 62970
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
LIMITS
UNIT
UNLESS OTHERWISE SPECIFIED,
VDD = 1.8 V, VDD2 = 2.1 V, TA = -40 °C to 85 °C,
TYPICAL VALUES are at 25 °C
MIN.
TYP.
MAX.
Quiescent Current
IQ
L_Detect, GND_Detect are open
-
6
10
μA
Ear Jack In Current
IDD
L_Detect, GND_Detect are connected with 10 k
 to GND
-
3
6
S/E Detection Current
IDD2
S/E_DET =0 V, S/E_REF = 1.05 V
-
2
3.5
L_Detect Reference Voltage
VTH_L
L_DET switching low to high
1.33
1.4
1.5
V
Propagation Delay to DET
tPLH
COUT = 15 pF, GND_DET = 0 V,
L_DET = 1.52 V to DET = 0.9 V
80
149
300
ns
Propagation Delay to DET
tPHL
COUT = 15 pF, GND_DET = 0 V,
L_DET = 1.31 V to DET = 0.9 V
130
325
550
Low Voltage L_DET Leakage
ILL_DET
L_DET = 0 V
-
0.84
2
μA
High Voltage L_DET Leakage
IHL_DET
L_DET = 1.8 V
-
30
-
pA
L_DET Input Capacitance
CL_DET
-4-
pF
GND_Detect Logic Low
Voltage
VIL_GND
0.63
0.86
-
V
GND_Detect Logic High
Voltage
VIH_GND
-
0.89
1.17
GND_DET Propagation
Delay to DET
tPGND_DET
COUT = 15 pF, RL = 1 M, L_DET = 0 V,
GND_DET switches between 0 V and 1.8 V
-10-
ns
Low Voltage GND_DET
Leakage
IIL
GND_DET = 0 V
-
0.93
2
μA
High Voltage GND_DET
Leakage
IIH
GND_DET = 1.8 V
-
80
-
pA
GND_DET Input Capacitance
CG_DET
f = 1 MHz
-
3.5
-
pF
MIC Pull Down Resistance
RMIC
IMIC = 1 mA L_Detect, GND_Detect = open
-
-
1.25
MIC Leakage
VMIC = 2.4 V
-1
-
1
μA
DET Pull Up Resistance
ROUTH
L_Detect, GND_Detect = open
-
135
200
DET Pull Down Resistance
ROUTL
L_Detect, GND_Detect are connected with 10 k
 to GND
-
120
200
DET High Logic Voltage
VOUTHIDET = 0.1 mA, L_Detect, GND_Detect = open
1.6
-
-
V
DET Low Logic Voltage
VOUTL
IDET = 0.1 mA, L_Detect, GND_Detect are connected with
10 k
 to GND
--
0.3
DET Rise Time
tDET_R
COUT = 15 pF, RL = 1 M, DET = 10 % to 90 %
-
14
-
ns
DET Fall Time
tDET_F
COUT = 15 pF, RL = 1 M, DET = 90 % to 10 %
-
4.4
-
Propagation Delay to S/E
tPS/E
COUT = 15 pF, RL = 1 M, VCM = mid-supply,
100 mV overdrive
50
170
500
Input Leakage
ISE_IN
VCM = 0.9 V
-
4
-
pA
Input Capacitance
CSE_IN
f = 1 MHz
-
3.5
-
pF
Voltage Output Low
VOL
IOL = 0.1 mA
-
-
0.2
V
Voltage Output High
VOH
IOH = 0.1 mA
1.9
-
-
Rise Time
tS/E_R
COUT = 15 pF, RL = 1 M, S/E = 10 % to 90 %
-
16
-
ns
Fall Time
tS/E_F
COUT = 15 pF, RL = 1 M, S/E = 90 % to 10 %
-
12.1
-


Similar Part No. - DG2592DN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2592DN-T1-GE4 VISHAY-DG2592DN-T1-GE4 Datasheet
188Kb / 13P
   Audio Jack Detector with Send / End Detect
08-Feb-17
More results

Similar Description - DG2592DN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2592 VISHAY-DG2592_V01 Datasheet
188Kb / 13P
   Audio Jack Detector with Send / End Detect
08-Feb-17
logo
Fairchild Semiconductor
FSA8029 FAIRCHILD-FSA8029 Datasheet
478Kb / 3P
   Audio Jack Send / End Detection with MIC / Video Switch
FSA8009 FAIRCHILD-FSA8009 Datasheet
476Kb / 3P
   Audio Jack Send / End Detection with MIC / Video Switch
FSA8108 FAIRCHILD-FSA8108 Datasheet
753Kb / 5P
   Audio Jack Detection and Configuration Switch, Supports Volume Up/Down & Send/End Keys
logo
Diodes Incorporated
AZV5002 DIODES-AZV5002 Datasheet
1Mb / 15P
   Low Power Audio Jack Detector
logo
Dialog Semiconductor
DA7219 DIALOG-DA7219 Datasheet
2Mb / 123P
   Audio codec with Advanced Accessory Detect
logo
Renesas Technology Corp
DA7219 RENESAS-DA7219 Datasheet
1Mb / 129P
   Audio Codec with Advanced Accessory Detect
24-Dec-2021
logo
Maxim Integrated Produc...
MAX14627 MAXIM-MAX14627 Datasheet
2Mb / 16P
   Low-Power Headset Detectors with SEND/END Button Support
Rev 0; 5/12
logo
Vishay Siliconix
DG2591 VISHAY-DG2591 Datasheet
161Kb / 12P
   Audio Jack Detector and Pop Noise Control Switch
Rev. B, 13-Oct-14
logo
Sanyo Semicon Device
LA7205 SANYO-LA7205 Datasheet
126Kb / 1P
   VTR TAPE END DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com