Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2788A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2788A
Description  Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2788A Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2788A Datasheet HTML 1Page - Vishay Siliconix DG2788A Datasheet HTML 2Page - Vishay Siliconix DG2788A Datasheet HTML 3Page - Vishay Siliconix DG2788A Datasheet HTML 4Page - Vishay Siliconix DG2788A Datasheet HTML 5Page - Vishay Siliconix DG2788A Datasheet HTML 6Page - Vishay Siliconix DG2788A Datasheet HTML 7Page - Vishay Siliconix DG2788A Datasheet HTML 8Page - Vishay Siliconix DG2788A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DG2788A
www.vishay.com
Vishay Siliconix
S16-1836-Rev. B, 12-Sep-16
5
Document Number: 79391
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Leakage Current vs. Drain Voltage
Insertion Loss, Off-Isolation Crosstalk vs. Frequency
Switching Time vs. Temperature
Switching Threshold vs. Supply Voltage
0.001
0.01
0.1
1
10
100
1000
00.5
11.5
22.5
33.5
V
COM - Drain Voltage (V), VNO/NC = -VCOM
V+ = 3.3 V
-I
COM(ON)
-I
COM(OFF)
I
NO/NC(OFF)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100K
1M
10M
100M
1G
Frequency (Hz)
Loss
V+ = +3 V
OIRR
X
TALK
0.1
1
10
100
-40
-20
0
20406080
100
Temperature (oC)
t
OFF, V+ = 5.5 V
t
OFF, V+ = 3 V
t
OFF, V+ = 1.8 V
t
ON, V+ = 5.5 V
t
ON, V+ = 3 V
t
ON, V+ = 1.8 V
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
1.52
2.53
3.54
4.55
5.5
V+ - Supply Voltage (V)
V
IH
V
IL


Similar Part No. - DG2788A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2788A VISHAY-DG2788A Datasheet
235Kb / 10P
   0.37 ?? Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Jan-2022
DG2788ADN-T1-GE4 VISHAY-DG2788ADN-T1-GE4 Datasheet
235Kb / 10P
   0.37 ?? Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Jan-2022
DG2788A VISHAY-DG2788A_V01 Datasheet
235Kb / 10P
   0.37 ?? Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG2788A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2788A VISHAY-DG2788A_V01 Datasheet
235Kb / 10P
   0.37 ?? Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Jan-2022
DG2525 VISHAY-DG2525_V01 Datasheet
181Kb / 11P
   0.37 ?? Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch
08-Feb-17
DG2523 VISHAY-DG2523 Datasheet
159Kb / 10P
   0.4 Ω, Low Resistance and Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. A, 17-Oct-16
DG2525 VISHAY-DG2525 Datasheet
180Kb / 11P
   0.37 Ω, Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. B, 01-Aug-16
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. E, 28-Feb-11
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_V01 Datasheet
154Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com