Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG1413EQ-T1-GE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG1413EQ-T1-GE3
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG1413EQ-T1-GE3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG1413EQ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DG1411, DG1412, DG1413
www.vishay.com
Vishay Siliconix
S13-2467-Rev. B, 02-Dec-13
7
Document Number: 62749
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Analog Voltage (DS1)
On-Resistance vs. Analog Voltage (DSS)
On-Resistance vs. Temperature (± 5 V)
On-Resistance vs. Analog Voltage (DS2)
On-Resistance vs. Temperature (± 15 V)
On-Resistance vs. Temperature (+12 V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-16.5 -12.5
-8.5
-4.5
-0.5
3.5
7.5
11.5
15.5
V
D - Analog Voltage (V)
V+ = +12V
V- = -12V
V+ = +13.5V
V- = -13.5V
V+ = +15V
V- = -15V
V+ = +16.5V
V- = -16.5V
V+ = +10V
T
A = +25 °C
I
S = -10mA
0
1
2
3
4
5
6
7
0
2
4
6
8
10
12
14
V
D - Analog Voltage (V)
V+ = 5V
V+ = 8V
V+ = 13.2V
V+ = 15V
V+ = 10.8V
V+ = 12V
T
A = +25 °C
I
S = -10mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-5.0 -4.0 -3.0 -2.0 -1.0 0.0
1.0
2.0
3.0
4.0
5.0
V
D - Analog Voltage (V)
+ 125
°C
V+ = +5V
V- = -5V
+ 85
°C
+ 25
°C
- 40
°C
I
S = -10mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-7 -6 -5 -4 -3 -2 -1
0
1
2
3
4
5
6
7
V
D - Analog Voltage (V)
V+ = +5V
V- = -5V
V+ = +4.5V
V- = -4.5V
V+ = +5.5V
V- = -5.5V
V+ = +7V
V- = -7V
T
A = +25°C
I
S = -10mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-15
-10
-5
0
5
10
15
V
D - Analog Voltage (V)
+ 125
°C
V+ = +15V
V- = -15V
+ 85
°C
+ 25
°C
- 40
°C
I
S = -10mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1
2
3
4
5
6
7
8
9
10
11
12
V
D - Analog Voltage (V)
+ 125
°C
V+ = +12V
V- = 0V
+ 85
°C
+ 25
°C
- 40
°C
I
S = -10mA


Similar Part No. - DG1413EQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1413EQ-T1-GE3 VISHAY-DG1413EQ-T1-GE3 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG1413EQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com