Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG413LEDQ-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG413LEDQ-GE3
Description  Low Parasitic Capacitance and Leakage, Quad SPST Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413LEDQ-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG413LEDQ-GE3 Datasheet HTML 1Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 2Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 3Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 4Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 5Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 6Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 7Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 8Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DG411LE, DG412LE, DG413LE
www.vishay.com
Vishay Siliconix
S16-0391-Rev. A, 07-Mar-16
4
Document Number: 78091
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g. Leakage parameters are guaranteed by worst case test conditions and not subject to test.
SPECIFICATIONS a (Dual Supply ± 5 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE
SPECIFIED
V+ = 5 V, V- = -5 V
VL = 5 V, VIN = 2.4 V, 0.8 V f
TEMP. b
TYP. c
A SUFFIX
LIMITS
-55 °C to +125 °C
D SUFFIX
LIMITS
-40 °C to +85 °C UNIT
MIN. d
MAX. d
MIN. d
MAX. d
Analog Switch
Analog Signal Range e
VANALOG
Full
-
-5
5
-5
5
V
Drain-Source
On-Resistance
RDS(on)
V+ = 5 V, V- = -5 V,
IS = 10 mA, VD = ± 3.5 V
Room
18
-
30
-
30
Full
-
-
42
-
37
Switch Off
Leakage Current g
IS(off)
V+ = 5.5, V- = -5.5 V,
VD = ± 4.5 V, VS = ± 4.5 V
Room
-
-1
1
-1
1
nA
Full
-
-15
15
-10
10
ID(off)
Room
-
-1
1
-1
1
Full
-
-15
15
-10
10
Channel On
Leakage Current g
ID(on)
V+ = 5.5 V, V- = -5.5 V,
VS = VD = ± 4.5 V
Room
-
-1
1
-1
1
Full
-
-15
15
-10
10
Digital Control
Input Current, VIN Low e
IIL
VIN under test = 0.8 V
Full
0.05
-1.5
1.5
-1
1
μA
Input Current, VIN High e
IIH
VIN under test = 2.4 V
Full
0.05
-1.5
1.5
-1
1
Dynamic Characteristics
Turn-On Time e
tON
RL = 300, CL = 35 pF,
VS = ± 3.5 V, see figure 2
Room
17
-
50
-
50
ns
Full
-
-
70
-
60
Turn-Off Time e
tOFF
Room
12
-
35
-
35
Full
-
-
50
-
40
Break-Before-Make Time
Delay e
tD
DG413L only, VS = 3.5 V,
RL = 300, CL = 35 pF
Room
5
-
-
-
-
Charge Injection e
QVg = 0 V, Rg = 0 , CL = 10 nF
Room
5.8
-
-
-
-
pC
Off Isolation e
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
68
-
-
-
-
dB
Channel-to-Channel
Crosstalk e
XTALK
Room
113
-
-
-
-
Source Off Capacitance e
CS(off)
f = 1 MHz
Room
5
-
-
-
-
pF
Drain Off Capacitance e
CD(off)
Room
6
-
-
-
-
Channel On Capacitance e
CD(on)
Room
14
-
-
-
-
Power Supplies
Positive Supply Current e
I+
VIN = 0 V or 5 V
Room
0.03
-
1
-
1
μA
Full
-
-
7.5
-
5
Negative Supply Current e
I-
Room
-0.002
-1
-
-1
-
Full
-
-7.5
-
-5
-
Logic Supply Current e
IL
Room
0.002
-
1
-
1
Full
-
-
7.5
-
5
Ground Current e
IGND
Room
-0.002
-1
-
-1
-
Full
-
-7.5
-
-5
-


Similar Part No. - DG413LEDQ-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG413LE VISHAY-DG413LE Datasheet
327Kb / 17P
   16 ?? Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
01-Jan-2022
More results

Similar Description - DG413LEDQ-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
   Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
Rev. A, 19-May-14
DG2501 VISHAY-DG2501_V01 Datasheet
201Kb / 10P
   200 ?? Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
08-Feb-17
DG411LE VISHAY-DG411LE_V01 Datasheet
327Kb / 17P
   16 ?? Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
01-Jan-2022
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
logo
Texas Instruments
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
logo
Maxim Integrated Produc...
MAX326 MAXIM-MAX326 Datasheet
309Kb / 8P
   Quad, SPST, Ultra-Low Leakage, CMOS Analog Switches
19-3985; Rev 2; 7/96
logo
M/A-COM Technology Solu...
MADP-017015-1314 MA-COM-MADP-017015-1314_10 Datasheet
247Kb / 4P
   Low Parasitic Capacitance and Inductance
MASW-003103-1364 MA-COM-MASW-003103-1364_15 Datasheet
1Mb / 9P
   Low Parasitic Capacitance and Inductance
MA4SPS402 MA-COM-MA4SPS402_15 Datasheet
745Kb / 8P
   Low Parasitic Capacitance and Inductance
logo
Texas Instruments
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
[Old version datasheet]   (-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com