Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG4053EEN-T1-GE4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG4053EEN-T1-GE4
Description  Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4053EEN-T1-GE4 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG4053EEN-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix DG4053EEN-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix DG4053EEN-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG4053EEN-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG4053EEN-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG4053EEN-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG4053EEN-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG4053EEN-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG4053EEN-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DG4051E, DG4052E, DG4053E
www.vishay.com
Vishay Siliconix
S16-0623-Rev. A, 11-Apr-16
4
Document Number: 69685
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dynamic Characteristics
Off Isolation e
OIRR
RL = 50 , CL = 1 pF
f = 100 kHz
Room
-106
-
-
-
-
dB
f = 10 MHz
Room
-68
-
-
-
-
f = 100 MHz
Room
-49
-
-
-
-
Channel-to-Channel
Crosstalk e
XTALK
f = 100 kHz
Room
-105
-
-
-
-
f = 10 MHz
Room
-62
-
-
-
-
f = 100 MHz
Room
-51
-
-
-
-
Bandwidth, 3 dB
BW
RL = 50 
DG4051E
Room
308
-
-
-
-
MHz
DG4052E
Room
353
-
-
-
-
DG4053E
Room
930
-
-
-
-
Transition Time
tTRANS
RL = 300 , CL = 35 pF
see Fig. 1, 2, 3
Room
72
-
112
-
112
ns
Full
-
-
139
-
131
Enable Turn-On Time
tON
Room
35
-
75
-
75
Full
-
-
86
-
80
Enable Turn-Off Time
tOFF
Room
48
-
88
-
88
Full
-
-
97
-
95
Break-Before-Make
Time Delay
tD
Room
-
1
-
1
-
Full
-
-
-
-
-
Charge Injection e
QVg = 0 V, Rg = 0 , CL = 1 nF
Room
0.38
-
-
-
-
pC
Source Off
Capacitance e
CS(off)
f = 1 MHz
DG4051E
Room
2.2
-
-
-
-
pF
DG4052E
Room
2.1
-
-
-
-
DG4053E
Room
2
-
-
-
-
Drain Off
Capacitance e
CD(off)
f = 1 MHz
DG4051E
Room
9.2
-
-
-
-
DG4052E
Room
4.8
-
-
-
-
DG4053E
Room
3.1
-
-
-
-
Channel On
Capacitance e
CD(on)
f = 1 MHz
DG4051E
Room
14.9
-
-
-
-
DG4052E
Room
10
-
-
-
-
DG4053E
Room
8.5
-
-
-
-
Total Harmonic
Distortion e
THD
Signal = 5 VRMS,
20 Hz to 20 kHz, RL = 600 
Room
0.065
-
-
-
-
%
Power Supplies
Power Supply Current
I+
V+ = 5 V, V- = -5 V
VIN(A, B, C, and enable) = 0 V or 5 V
Room
0.05
-
1
-
1
μA
Full
-
-
10
-
10
Negative Supply
Current
I-
Room
-0.05
-1
-
-1
-
Full
-
-10
-
-10
-
Ground Current
IGND
Room
-0.05
-1
-
-1
-
Full
-
-10
-
-10
-
SPECIFICATIONS FOR DUAL SUPPLIES
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 5 V, V- = -5 V
VIN(A, B, C, and enable) = 2 V, 0.8 V a
TEMP. b
TYP. c
-40 °C to +125 °C -40 °C to +85 °C
UNIT
MIN. d
MAX. d
MIN. d
MAX. d


Similar Part No. - DG4053EEN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4053E VISHAY-DG4053E Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
More results

Similar Description - DG4053EEN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E_V01 Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG1212-EP AD-ADG1212-EP Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com