Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1A Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # UF1A
Description  1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UF1A Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  UF1A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UF1A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
version:01
100
@T =55
1.0
/W
A
STG
T
J
T
C
@T =100
@T =25
RRM
Classification Rating 94V-0
75
plastic SMB
5.0
Ultra fast switching for high efficiency
1)
3)
I
Low cost
UF1M
UF1K
UF1J
UF1G
UF1D
UF1B
UF1A
Time
1.3
UF1M
UF1A
17
30
1.7
200
400
600
800
1000
700
560
420
280
140
1000
800
600
400
200
THRU
Features
·
·
·
Mechanical Data
· Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
50
100
V
Maximum RMS Voltage
VRMS
35
70
V
Maximum DC Blocking Voltage
VDC
50
100
V
Average Rectified Output Current
IO
1.0
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
30
A
Forward Voltage
@IF=1.0A
VFM
V
Peak Reverse Current
uA
At Rated DC Blocking Voltage
Maximum Reverse Recovery
Trr
ns
Typical Junction Capacitance (Note 2)
pF
Typical Thermal Resistance Junction to
Ambient(Note
Rθ JA
Operating Temperature Range
-55 to+150
Storage Temperature Range
-55 to +150
Note:
1of2
Plastic Case Material has UL Flammability
· Polarity: Color band dentes cathode end
50
·
High current capability
R
Areas.
Land
Thick
8.0MM
1.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A,IRR=0.25A.
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
3.
²(.013mm
(Note
J
A
L
0.084(2.13)
0.004(0.10)
0.008(0.20)
0.197(5.00)
0.217(5.50)
0.057(1.45)
0.033(0.85)
0.004(0.100)
0.012(0.300)
0.187(4.75)
0.163(4.15)
0.154(3.90)
SMB/DO-214AA
Dimensions in inches and (millimeters)
0.096(2.44)
0.130(3.30)
0.075(1.91)
0.083(2.11)
0.010(0.25)
0.004(0.1)
www.dyelec.com


Similar Part No. - UF1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Micro Commercial Compon...
UF1A MCC-UF1A Datasheet
230Kb / 3P
   1 Amp Surface Mount Ultra Fast Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
UF1A SUNMATE-UF1A Datasheet
137Kb / 2P
   1.0A Surface Mount Ultra-Fast Rectifier
logo
Surge Components
UF1A SURGE-UF1A Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
Chongqing Pingwei Enter...
UF1A CHONGQING-UF1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results

Similar Description - UF1A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UF1AU DYELEC-UF1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
ESH1B TSC-ESH1B_13 Datasheet
445Kb / 4P
   1.0AMP Surface Mount Ultra Fast Rectifiers
logo
HY ELECTRONIC CORP.
UF1A HY-UF1A Datasheet
35Kb / 2P
   SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF3A HY-UF3A Datasheet
41Kb / 2P
   SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF2A HY-UF2A Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
logo
Chongqing Pingwei Enter...
S1AF CHONGQING-S1AF_16 Datasheet
177Kb / 1P
   1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
ES1A TSC-ES1A_12 Datasheet
197Kb / 2P
   1.0AMP. Surface Mount Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Chongqing Pingwei Enter...
E1AFEA CHONGQING-E1AFEA Datasheet
179Kb / 1P
   1.0AMP. SURFACE MOUNT SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com