Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF281 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF281
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF281 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF281 Datasheet HTML 1Page - Motorola, Inc MRF281 Datasheet HTML 2Page - Motorola, Inc MRF281 Datasheet HTML 3Page - Motorola, Inc MRF281 Datasheet HTML 4Page - Motorola, Inc MRF281 Datasheet HTML 5Page - Motorola, Inc MRF281 Datasheet HTML 6Page - Motorola, Inc MRF281 Datasheet HTML 7Page - Motorola, Inc MRF281 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MRF281SR1 MRF281ZR1
MOTOROLA RF DEVICE DATA
The RF Sub–Micron MOSFET Line
RF Power Field Effect Transistors
N–Channel Enhancement–Mode Lateral MOSFETs
Designed for digital and analog cellular PCN and PCS base station
applications with frequencies from 1000 to 2500 MHz. Characterized for
operation Class A and Class AB at 26 volts in commercial and industrial
applications.
• Specified Two–Tone Performance @ 1930 and 2000 MHz, 26 Volts
Output Power — 4 Watts PEP
Power Gain — 11 dB
Efficiency — 30%
Intermodulation Distortion — –29 dBc
• Capable of Handling 10:1 VSWR, @ 26 Vdc,
2000 MHz, 4 Watts CW Output Power
• Excellent Thermal Stability
• Characterized with Series Equivalent Large–Signal Impedance Parameters
• S–Parameter Characterization at High Bias Levels
• Available in Tape and Reel. R1 Suffix = 500 Units per
12 mm, 7 inch Reel.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
65
Vdc
Gate–Source Voltage
VGS
±20
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
20
0.115
Watts
W/
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
5.74
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0, ID = 10 µAdc)
V(BR)DSS
65
74
Vdc
Zero Gate Voltage Drain Current
(VDS = 28 Vdc, VGS = 0)
IDSS
10
µAdc
Gate–Source Leakage Current
(VGS = 20 Vdc, VDS = 0)
IGSS
1
µAdc
NOTE – CAUTION – MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Order this document
by MRF281/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF281SR1
MRF281ZR1
2000 MHz, 4 W, 26 V
LATERAL N–CHANNEL
BROADBAND
RF POWER MOSFETs
CASE 458B–03, STYLE 1
(NI–200S)
(MRF281SR1)
CASE 458C–03, STYLE 1
(NI–200Z)
(MRF281ZR1)
Motorola, Inc. 2002
REV 3


Similar Part No. - MRF281

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF281 FREESCALE-MRF281 Datasheet
282Kb / 8P
   RF Power Field Effect Transistors
MRF281SR1 FREESCALE-MRF281SR1 Datasheet
282Kb / 8P
   RF Power Field Effect Transistors
MRF281SR1 FREESCALE-MRF281SR1_06 Datasheet
282Kb / 8P
   RF Power Field Effect Transistors
MRF281ZR1 FREESCALE-MRF281ZR1 Datasheet
282Kb / 8P
   RF Power Field Effect Transistors
More results

Similar Description - MRF281

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com