Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2674MX-3.3 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2674MX-3.3
Description  SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2674MX-3.3 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2674MX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Typical Performance
Characteristics (Circuit of Figure 2)
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA
L = 100 µH, C
OUT = 100 µF, COUTESR = 0.1
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 300 mA
L=15µH, C
OUT = 68 µF (2x), COUTESR=25m
10004118
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 0.2 A/div
C: Output Ripple Voltage, 50 mV/div AC-Coupled
Horizontal Time Base: 1 µs/div
10004119
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 0.5 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs/div
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT = 5V,
L = 100 µH, C
OUT = 100 µF, COUTESR = 0.1
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V,
L=47µH, C
OUT = 68 µF, COUTESR=50m
10004120
A: Output Voltage, 100 mV/div, AC-Coupled.
B: Load Current: 100 mA to 500 mA Load Pulse
Horizontal Time Base: 50 µs/div
10004121
A: Output Voltage, 100 mV/div, AC-Coupled.
B: Load Current: 100 mA to 400 mA Load Pulse
Horizontal Time Base: 200 µs/div
www.national.com
8


Similar Part No. - LM2674MX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2674MX-3.3/NOPB TI1-LM2674MX-3.3/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
More results

Similar Description - LM2674MX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2674M TI-LM2674M Datasheet
1Mb / 31P
[Old version datasheet]   LM2674 SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M-3.3 TI-LM2674M-3.3 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2671M-ADJ TI1-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com