Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ220A Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SMAJ220A
Description  Excellent clamping capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SMAJ220A Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SMAJ220A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SMAJ220A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SMAJ220A Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SMAJ220A Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SMAJ220A Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMAJ5.0 --- SMAJ440CA
Features
Working peak reverse voltage range – 5.0V to 440V.
Peak power dissipation 400W @10 x 1000 us Pulse
Low profile package.
Excellent clamping capability.
Glass passivated junction.
Fast response time: typically less than 1 ns for Uni-direction.
Less than 5 ns for Bi-direction, from 0 Volts to BV min
Typical IR less than 1uA
above 10V.
Plastic material has UL flammability classification 94V-O
RoHS compliant in lead-free versions
Mechanical Characteristics
CASE: Void-free, JEDEC DO-214AC Molded Plastic over glass passivated junction..
Mounting Position: Any
Polarity: by cathode band denotes uni-directional device, none cathode band denotes bi-directional device.
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
Maximum Ratings And Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform
(Note 1, 2, FIG.1)
PPPM
Min 400
W
Peak Pulse Current of on 10/1000us Waveform
(Note 1, FIG.3)
IPPM
See Table 1
Amps
Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on
Rated Load, (JEDEC Method)
(Note 2. 3)
IFSM
40
Amps
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
2. Mounted on 5.0mm
2 (0.03mm thick) Copper Pads to each terminal.
3. 8.3 ms single half sine-wave, or equivalent square wave, Duty cycle=4 pluses per minute maximum.
400W Surface Mount Transient Voltage Suppressors


Similar Part No. - SMAJ220A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ220A SOCAY-SMAJ220A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ220A LITTELFUSE-SMAJ220A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
SMAJ220A LUGUANG-SMAJ220A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ220A SOCAY-SMAJ220A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Formosa MS
SMAJ220A FORMOSA-SMAJ220A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMAJ220A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com