Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ250A Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SMAJ250A
Description  Excellent clamping capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SMAJ250A Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SMAJ250A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SMAJ250A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SMAJ250A Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SMAJ250A Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SMAJ250A Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMAJ5.0 --- SMAJ440CA
Electrical Specification @ Tamb 25°C
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ5.0
SMAJ5.0A
SMAJ6.0
SMAJ6.0A
SMAJ5.0C
SMAJ5.0CA
SMAJ6.0C
SMAJ6.0CA
HD
HE
HF
HG
TD
TE
TF
TG
5.0
5.0
6.0
6.0
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10.0
10.0
10.0
10.0
9.6
9.2
11.4
10.3
41.7
43.5
35.1
38.8
800.0
800.0
800.0
800.0
SMAJ6.5
SMAJ6.5A
SMAJ7.0
SMAJ7.0A
SMAJ6.5C
SMAJ6.5CA
SMAJ7.0C
SMAJ7.0CA
HH
HK
HL
HM
TH
TK
TL
TM
6.5
6.5
7.0
7.0
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10.0
10.0
10.0
10.0
12.3
11.2
13.3
12.0
32.5
35.7
30.1
33.3
500.0
500.0
200.0
200.0
SMAJ7.5
SMAJ7.5A
SMAJ8.0
SMAJ8.0A
SMAJ7.5C
SMAJ7.5CA
SMAJ8.0C
SMAJ8.0CA
HN
HP
HQ
HR
TN
TP
TQ
TR
7.5
7.5
8.0
8.0
8.33
8.33
8.89
8.89
10.67
9.58
11.3
10.23
1.0
1.0
1.0
1.0
14.3
12.9
15.0
13.6
28.0
31.0
26.7
29.4
100.0
100.0
50.0
50.0
SMAJ8.5
SMAJ8.5A
SMAJ9.0
SMAJ9.0A
SMAJ8.5C
SMAJ8.5CA
SMAJ9.0C
SMAJ9.0CA
HS
HT
HU
HV
TS
TT
TU
TV
8.5
8.5
9.0
9.0
9.44
9.44
10.0
10.0
11.92
10.82
12.6
11.5
1.0
1.0
1.0
1.0
15.9
14.4
16.9
15.4
25.2
27.8
23.7
26.0
20.0
20.0
10.0
10.0
SMAJ10
SMAJ10A
SMAJ11
SMAJ11A
SMAJ10C
SMAJ10CA
SMAJ11C
SMAJ11CA
HW
HX
HY
HZ
TW
TX
TY
TZ
10
10
11
11
11.1
11.1
12.2
12.2
14.1
12.8
15.4
14.0
1.0
1.0
1.0
1.0
18.8
17.0
20.1
18.2
21.3
23.5
19.9
22.0
5.0
5.0
5.0
5.0
SMAJ12
SMAJ12A
SMAJ13
SMAJ13A
SMAJ12C
SMAJ12CA
SMAJ13C
SMAJ13CA
ID
IE
IF
IG
UD
UE
UF
UG
12
12
13
13
13.3
13.3
14.4
14.4
16.9
15.3
18.2
16.5
1.0
1.0
1.0
1.0
22.0
19.9
23.8
21.5
18.2
20.1
16.8
18.6
5.0
5.0
5.0
5.0
SMAJ14
SMAJ14A
SMAJ15
SMAJ15A
SMAJ14C
SMAJ14CA
SMAJ15C
SMAJ15CA
IH
IK
IL
IM
UH
UK
UL
UM
14
14
15
15
15.6
15.6
16.7
16.7
19.8
17.9
21.1
19.2
1.0
1.0
1.0
1.0
25.8
23.2
26.9
24.4
15.5
17.2
14.9
16.4
5.0
5.0
5.0
5.0
SMAJ16
SMAJ16A
SMAJ17
SMAJ17A
SMAJ16C
SMAJ16CA
SMAJ17C
SMAJ17CA
IN
IP
IQ
IR
UN
UP
UQ
UR
16
16
17
17
17.8
17.8
18.9
18.9
22.6
20.5
23.9
21.7
1.0
1.0
1.0
1.0
28.8
26.0
30.5
27.6
13.9
15.4
13.1
14.5
5.0
5.0
5.0
5.0
SMAJ18
SMAJ18A
SMAJ20
SMAJ20A
SMAJ18C
SMAJ18CA
SMAJ20C
SMAJ20CA
IS
IT
IU
IV
US
UT
UU
UV
18
18
20
20
20.0
20.0
22.2
22.2
25.3
23.3
28.1
25.5
1.0
1.0
1.0
1.0
32.2
29.2
35.8
32.4
12.4
13.7
11.2
12.3
5.0
5.0
5.0
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double


Similar Part No. - SMAJ250A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ250A LITTELFUSE-SMAJ250A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
SMAJ250A LUGUANG-SMAJ250A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ250A SOCAY-SMAJ250A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Formosa MS
SMAJ250A FORMOSA-SMAJ250A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMAJ250A SOCAY-SMAJ250A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ250A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com