Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPW310BS Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NSPW310BS
Description  SPECIFICATION FOR NICHIA WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPW310BS Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NSPW310BS Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPW310BS Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPW310BS Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPW310BS Datasheet HTML 9Page - List of Unclassifed Manufacturers NSPW310BS Datasheet HTML 10Page - List of Unclassifed Manufacturers NSPW310BS Datasheet HTML 11Page - List of Unclassifed Manufacturers NSPW310BS Datasheet HTML 12Page - List of Unclassifed Manufacturers NSPW310BS Datasheet HTML 13Page - List of Unclassifed Manufacturers NSPW310BS Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Y-Y
X-X
! Ambient Temperature vs.
Chromaticity Coordinate
! Directivity (NSPW310BS)
! Spectrum
! Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
Ta=25°C
IF=20mA
1
0.5
0
1
0.5
0
0.29 0.30 0.31 0.32 0.33 0.34
0.35
0.34
0.33
0.31
0.30
0.32
0.35
0.33
0.30
0.34
0.32
0.31
350
450
550
750
650
1.2
1
0.8
0.4
0.2
0
0.6
0.29 0.30 0.31 0.32 0.33 0.34
x
30°
0.5
90°
60°
1
10° 20°
30°
40°
50°
60°
70°
80°
90°
-30°C
0°C
25°C
50°C
85°C
1mA
20mA
50mA
100mA
5mA
Ta=25°C
IFP=20mA
Ta=25°C
IF=20mA
TYP.CHARACTERISTICS
Model
NSPW310BS
NICHIA CORPORATION Title
No.
011210110271


Similar Part No. - NSPW310BS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW310CS NICHIA-NSPW310CS Datasheet
211Kb / 15P
   WHITE LED
NSPW310DS NICHIA-NSPW310DS Datasheet
205Kb / 15P
   WHITE LED
logo
Marl International Limi...
NSPW310DS MARL-NSPW310DS Datasheet
484Kb / 14P
   WHITE LED
logo
NICHIA CORPORATION
NSPW310DS NICHIA-NSPW310DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NSPW310BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPW500BS ETC-NSPW500BS Datasheet
414Kb / 15P
   SPECIFICATION FOR NICHIA WHITE LED
NSSW020AT ETC-NSSW020AT Datasheet
247Kb / 13P
   SPECIFICATION FOR NICHIA CHIP TYPE WHITE LED
NSPWF50BS ETC-NSPWF50BS Datasheet
371Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPWR70CSS-K1 NICHIA-NSPWR70CSS-K1 Datasheet
587Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWF50DS NICHIA-NSPWF50DS Datasheet
196Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
List of Unclassifed Man...
NSPW510BS ETC-NSPW510BS Datasheet
434Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPWF50BS NICHIA-NSPWF50BS Datasheet
255Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWF50CS NICHIA-NSPWF50CS Datasheet
299Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWR70BSS NICHIA-NSPWR70BSS Datasheet
400Kb / 13P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
List of Unclassifed Man...
NSPW315BS ETC-NSPW315BS Datasheet
383Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com