Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5LE-1A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G5LE-1A
Description  PCB Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE-1A Datasheet(HTML) 4 Page - Omron Electronics LLC

  G5LE-1A Datasheet HTML 1Page - Omron Electronics LLC G5LE-1A Datasheet HTML 2Page - Omron Electronics LLC G5LE-1A Datasheet HTML 3Page - Omron Electronics LLC G5LE-1A Datasheet HTML 4Page - Omron Electronics LLC G5LE-1A Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
G5LE
G5LE
14
Terminal Arrangement/
Internal Connections
(Bottom View)
Mounting Holes
(Bottom View)
SPDT
Tolerance:
±0.1 mm
SPST-NO
SPDT
SPST-NO
Five, 1.3-dia. holes
Four, 1.3-dia. holes
1
2
5
3
4
1
2
5
3
3 STANDARD
2.55
2
(0.08)
12.2
12
(0.47)
2.25
5.75
(0.23) (0.09)
2.25
(0.09)
2.55
2
(0.08)
2.25
(0.09)
2.25
(0.09)
5.75
(0.23)
12
(0.47)
12.2
Note:
Orientation marks are indicated as follows:
(0.10)
(0.48)
(0.10)
(0.48)
3 APPROVALS
UL325, UL508, UL1409, UL1950 (File No. E41643)
Part number
Coil rating
Contact rating
G5LE
3to48VDC
5 A, 250 VAC (general use)
5 A, 30 VDC (resistive load)
125 VA, 120 VAC (P.D 100,000 cycles)
5 A, 125 VAC (G.P), 30K, 70
°C (158°F)
NO:
1/8 hp, 120 VAC (50,000 cycles)
4 FLA, 4 LRA, 120 VAC (100,000 cycles)
1/2 s, ON:OFF
Ambient temperature: 105
°C (221°F)
5 FLA, 30 LRA, 120 VAC
Mechanical life: 100,000 cycles
TV-3, 120 VAC
NC:
1/10 hp, 120 VAC (50,000 cycles)
2 FLA, 4 LRA, 120 VAC (100,000 cycles)
1/2 s, ON:OFF
Ambient temperature: 105
°C (221°F)
10 A, 250 VAC (general use)
8 A, 30 VDC (resistive load)
NO:
1/6 hp, 120 VAC (50,000 cycles)
1/3 hp, 125 VAC, 30K, 70
°C (158°F)
NC:
1/8 hp, 120 VAC (50,000 cycles)
Note:
Only part numbers with the suffix “ASI” are TV-5 approved.


Similar Part No. - G5LE-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-1A OMRON-G5LE-1A Datasheet
154Kb / 5P
   ACUBIC, SINGLE-POLE 10-A POWER RELAY
G5LE-1A OMRON-G5LE-1A Datasheet
828Kb / 8P
   PCB Relay
G5LE-1A OMRON-G5LE-1A Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G5LE-1A OMRON-G5LE-1A Datasheet
96Kb / 3P
   PCB Relay
G5LE-1A OMRON-G5LE-1A Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
More results

Similar Description - G5LE-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com