Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT2N60-TU Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # DMT2N60-TU
Description  600V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMT2N60-TU Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  DMT2N60-TU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMT2N60-TU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMT2N60-TU Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMT2N60-TU Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMT2N60-TU Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMT2N60-TU Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMT2N60-TU Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. DMT2N60-TU Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd. DMT2N60-TU Datasheet HTML 9Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 / 9
THERMAL DATA
2N60
600V N-Channel Power MOSFET
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-220/ITO-220
TO-262/TO-263
θJA
62.5
°C/W
TO-251/ TO-252
110
Junction to Case
θJC
2.35
°C/W
ITO-220
5.5
TO-251/ TO-252
2.9
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
MIN
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
GS
V = 0V, ID = 250μA
600
V
Drain-Source Leakage Current
IDSS
VDS = 600V, VGS = 0V
10
μA
Gate-Source Leakage Current
Forward
IGSS
VGS = 30V, VDS = 0V
100 nA
Reverse
e
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
DS
V = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
4
4.4
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
pF
Output Capacitance
COSS
pF
Reverse Transfer Capacitance
CRSS
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
10
-
ns
Turn-On Rise Time
tR
ns
25
-
Turn-Off Delay Time
tD(OFF)
ns
20
-
Turn-Off Fall Time
tF
-
ns
Total Gate Charge
QG
VDS= 480V,ID= 2.4A,
VGS= 10V (Note 1, 2)
5.7
-
nC
Gate-Source Charge
QGS
nC
1.8
Gate-Drain Charge
QGD
nC
2
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
2.0
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
8.0
A
Reverse Recovery Time
trr
VGS = 0 V, IS = 2A,
dIF/dt = 100 A/μs (Note 1)
357
ns
Reverse Recovery Charge
QRR
μC
2
Notes: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2%
2.. Essentially independent of operating temperature
May,2015-REV.00
www.dyelec.com
VGS = -30V, VDS = 0V
GS
V = 10V, ID =1A
300
45
2
-
-
-
VDD =300V, ID =2A,
RG=25Ω (Note 1, 2)
25
GS
V = 0 V, ISD = 2.0 A
-
-
TO-220/ITO-220
TO-262/TO-263


Similar Part No. - DMT2N60-TU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DMT2N65-TU DYELEC-DMT2N65-TU Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results

Similar Description - DMT2N60-TU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
   600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com